Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 20 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 20 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 16Page - Texas Instruments DP83867CSRGZ Datasheet HTML 17Page - Texas Instruments DP83867CSRGZ Datasheet HTML 18Page - Texas Instruments DP83867CSRGZ Datasheet HTML 19Page - Texas Instruments DP83867CSRGZ Datasheet HTML 20Page - Texas Instruments DP83867CSRGZ Datasheet HTML 21Page - Texas Instruments DP83867CSRGZ Datasheet HTML 22Page - Texas Instruments DP83867CSRGZ Datasheet HTML 23Page - Texas Instruments DP83867CSRGZ Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 129 page
background image
7.3 Feature Description
7.3.1 WoL (Wake-on-LAN) Packet Detection
Wake-on-LAN provides a mechanism for bringing the DP83867 out of a low-power state using a special Ethernet
packet called a Magic Packet. The DP83867 can be configured to generate an interrupt to wake up the MAC
when a qualifying packet is received. An option is also available to generate a signal on a GPIO when a
qualifying signal is received. Further
Note
Please confirm that BMCR (register address 0x0000) bit[10] is disabled, when using the WoL feature.
This bit enables the MII ISOLATE function used to disable the MAC interface of the PHY, also
disabling the WoL interrupt on this PHY. If the WoL feature is needed while MII ISOLATE is enabled
please use TI's DP83869HM PHY instead.
The Wake-on-LAN feature includes the following functionality:
• Identification of magic packets in all supported speeds (1000BASE-T, 100BASE-TX, 10BASE-Te)
• Wakeup interrupt generation upon receiving a valid magic packet
• CRC checking of magic packets to prevent interrupt generation for invalid packets
In addition to the basic magic packet support, the DP83867 also supports:
• Magic packets that include secure-on password
• Pattern match – one configurable 64 byte pattern of that can wake up the MAC similar to magic packet
Note
DP838xx Wake-on-LAN document provide more detail on Wake-on-LAN
7.3.1.1 Magic Packet Structure
When configured for Magic Packet mode, the DP83867 scans all incoming frames addressed to the node for a
specific data sequence. This sequence identifies the frame as a Magic Packet frame.
Note
The Magic Packet must be byte aligned.
A Magic Packet frame must also meet the basic requirements for the LAN technology chosen, such as SOURCE
ADDRESS, DESTINATION ADDRESS (which can be the receiving station’s IEEE address). DP83867PHY
support Unicast onlyfor Magic Packet Detection.
The specific Magic Packet sequence consists of 16 duplications of the IEEE address of this node, with no breaks
or interruptions, followed by secure-on password if security is enabled. This sequence can be located anywhere
within the packet, but must be preceded by a synchronization stream. The synchronization stream is defined as
6 bytes of FFh.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com