Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 12 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 12 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 8Page - Texas Instruments DP83867CSRGZ Datasheet HTML 9Page - Texas Instruments DP83867CSRGZ Datasheet HTML 10Page - Texas Instruments DP83867CSRGZ Datasheet HTML 11Page - Texas Instruments DP83867CSRGZ Datasheet HTML 12Page - Texas Instruments DP83867CSRGZ Datasheet HTML 13Page - Texas Instruments DP83867CSRGZ Datasheet HTML 14Page - Texas Instruments DP83867CSRGZ Datasheet HTML 15Page - Texas Instruments DP83867CSRGZ Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 129 page
background image
6.9 SGMII Timing
See Figure 6-4.
PARAMETER
TEST CONDITIONS (3)
MIN
NOM
MAX
UNIT
T1
SGMII Clock Output Duty Cycle
48%
52%
T2
Setup time
See (1)
100
ps
T3
Clock to Data relationship from
either edges of the clock to valid
data
See (2)
250
550
ps
TR
VOD fall time
20% - 80%
100
200
ps
TF
VOD rise time
20% - 80%
100
200
ps
Thold
Hold time
See (1)
100
ps
TTXLAT
SGMII to MDI Latency
See (4)
201
ns
TRXLAT
MDI to SGMII Latency
See (4)
289
ns
(1)
Setup and hold time are measured at 50% of the transition.
(2)
T3 is measured at 0V differential.
(3)
Specified by production test, characterization, or design.
(4)
Operating in 1000Base-T
6.10 RGMII Timing
See Figure 6-5 and .Figure 6-6
PARAMETER
TEST CONDITIONS (5)
MIN
NOM
MAX UNIT
TskewT
Data to Clock output Skew
(at Transmitter)
See (1)
–500
0
500
ps
TskewR
Data to Clock input Skew
(at Receiver)
See (1)
1
1.8
2.6
ns
TsetupT
Data to Clock output Setup
(at Transmitter – internal delay)
See (4)
1.2
2
ns
TholdT
Clock to Data output Hold
(at Transmitter – internal delay)
See (4)
1.2
2
ns
TsetupR
Data to Clock input Setup
(at Reciever – internal delay)
See (4)
1
2
ns
TholdR
Clock to Data input Hold
(at Receiver – internal delay)
See (4)
1
2
ns
Tcyc
Clock Cycle Duration
See (2)
7.2
8
8.8
ns
Duty_G
Duty Cycle for Gigabit
See (3) (7)
45
50
55%
Duty_T
Duty Cycle for 10/100T
See (3) (7)
40
50
60%
TR
Rise Time (20% to 80%)
0.75
ns
TF
Fall Time (20% to 80%)
0.75
ns
TTXLAT
RGMII to MDI Latency
See (6)
88
ns
TRXLAT
MDI to RGMII Latency
See (6)
288
ns
(1)
When operating without RGMII internal delay, the PCB design requires clocks to be routed such that an additional trace delay of
greater than 1.5ns is added to the associated clock signal.
(2)
For 10Mbps and 100Mbps, Tcyc scales to 400ns ± 40ns and 40ns ± 4ns.
(3)
Duty cycle can be stretched or shrunk during speed changes or while transitioning to a received packet’s clock domain as long as
minimum duty cycle is not violated and stretching occurs for no more that three Tcyc of the lowest speed transitioned between.
(4)
Device can operate with or without internal delay.
(5)
Specified by production test, characterization, or design.
(6)
Operating in 1000Base-T .
(7)
Duty cycle values are defined in percentages of the nominal clock speed. For example, the minimum Gigabit RGMII clock pulse
duration is 45 % of 8ns.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com