Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 92 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 92 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 88Page - Texas Instruments DP83867CSRGZ Datasheet HTML 89Page - Texas Instruments DP83867CSRGZ Datasheet HTML 90Page - Texas Instruments DP83867CSRGZ Datasheet HTML 91Page - Texas Instruments DP83867CSRGZ Datasheet HTML 92Page - Texas Instruments DP83867CSRGZ Datasheet HTML 93Page - Texas Instruments DP83867CSRGZ Datasheet HTML 94Page - Texas Instruments DP83867CSRGZ Datasheet HTML 95Page - Texas Instruments DP83867CSRGZ Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 129 page
background image
7.6.83 Receive Pattern Register 18 (RXFPAT18)
Table 7-93. Receive Pattern Register 18 (RXFPAT18), Address 0x014D
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_34_35
0, RW
Bytes 34 + 35 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.84 Receive Pattern Register 19 (RXFPAT19)
Table 7-94. Receive Pattern Register 19 (RXFPAT19), Address 0x014E
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_36_37
0, RW
Bytes 36 + 37 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.85 Receive Pattern Register 20 (RXFPAT20)
Table 7-95. Receive Pattern Register 20 (RXFPAT20), Address 0x014F
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_38_39
0, RW
Bytes 38 + 39 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.86 Receive Pattern Register 21 (RXFPAT21)
Table 7-96. Receive Pattern Register 21 (RXFPAT21), Address 0x0150
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_38_39
0, RW
Bytes 38 + 39 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.87 Receive Pattern Register 22 (RXFPAT22)
Table 7-97. Receive Pattern Register 22 (RXFPAT22), Address 0x0151
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_42_43
0, RW
Bytes 42 + 43 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.88 Receive Pattern Register 23 (RXFPAT23)
Table 7-98. Receive Pattern Register 23 (RXFPAT23), Address 0x0152
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_44_45
0, RW
Bytes 44 + 45 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.89 Receive Pattern Register 24 (RXFPAT24)
Table 7-99. Receive Pattern Register 24 (RXFPAT24), Address 0x0153
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_46_47
0, RW
Bytes 46 + 47 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.90 Receive Pattern Register 25 (RXFPAT25)
Table 7-100. Receive Pattern Register 25 (RXFPAT25), Address 0x0154
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_48_49
0, RW
Bytes 48 + 49 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
92
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com