Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 63 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 63 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 59Page - Texas Instruments DP83867CSRGZ Datasheet HTML 60Page - Texas Instruments DP83867CSRGZ Datasheet HTML 61Page - Texas Instruments DP83867CSRGZ Datasheet HTML 62Page - Texas Instruments DP83867CSRGZ Datasheet HTML 63Page - Texas Instruments DP83867CSRGZ Datasheet HTML 64Page - Texas Instruments DP83867CSRGZ Datasheet HTML 65Page - Texas Instruments DP83867CSRGZ Datasheet HTML 66Page - Texas Instruments DP83867CSRGZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 129 page
background image
7.6.17 Interrupt Status Register (ISR)
This register contains event status for the interrupt function. If an event has occurred since the last read of this
register, the corresponding status bit sets. The status indications in this register sets even if the interrupt is not
enabled.
Table 7-27. Interrupt Status Register (ISR), Address 0x0013
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
AUTONEG_ERR_INT
0, RO, LH, COR Auto-Negotiation Error Interrupt:
1 = Auto-Negotiation Error interrupt is pending and is cleared by the
current read.
0 = No Auto-Negotiation Error interrupt.
14
SPEED_CHNG_INT
0, RO, LH, COR Speed Change Interrupt:
1 = Speed Change interrupt is pending and is cleared by the current
read.
0 = No Speed Change interrupt.
13
DUPLEX_MODE_CHNG_INT
0, RO, LH, COR Duplex Mode Change Interrupt:
1 = Duplex Mode Change interrupt is pending and is cleared by the
current read.
0 = No Duplex Mode Change interrupt.
12
PAGE_RECEIVED_INT
0, RO, LH, COR Page Received Interrupt:
1 = Page Received Interrupt is pending and is cleared by the current
read.
0 = No Page Received Interrupt is pending.
11
AUTONEG_COMP_INT
0, RO, LH, COR Auto-Negotiation Complete Interrupt:
1 = Auto-Negotiation Complete Interrupt is pending and is cleared by
the current read.
0 = No Auto-Negotiation Complete Interrupt is pending.
10
LINK_STATUS_CHNG_INT
0, RO, LH, COR Link Status Change Interrupt:
1 = Link Status Change interrupt is pending and is cleared by the
current read.
0 = No Link Status Change interrupt is pending.
9
RESERVED
0, RO
RESERVED
8
FALSE_CARRIER_INT
0, RO, LH, COR False Carrier Interrupt:
1 = False Carrier interrupt is pending and is cleared by the current
read.
0 = No False Carrier interrupt is pending.
7
RESERVED
0, RO
RESERVED
6
MDI_CROSSOVER_CHNG_INT
0, RO, LH, COR MDI Crossover Change Interrupt:
1 = MDI Crossover Change interrupt is pending and is cleared by the
current read.
0 = No MDI Crossover Change interrupt is pending.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com