Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 78 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 78 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 74Page - Texas Instruments DP83867CSRGZ Datasheet HTML 75Page - Texas Instruments DP83867CSRGZ Datasheet HTML 76Page - Texas Instruments DP83867CSRGZ Datasheet HTML 77Page - Texas Instruments DP83867CSRGZ Datasheet HTML 78Page - Texas Instruments DP83867CSRGZ Datasheet HTML 79Page - Texas Instruments DP83867CSRGZ Datasheet HTML 80Page - Texas Instruments DP83867CSRGZ Datasheet HTML 81Page - Texas Instruments DP83867CSRGZ Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 129 page
background image
7.6.35 100BASE-TX Configuration (100CR)
Table 7-45. 100BASE-TX Configuration Register (100CR), Address 0x0043
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:12
RESERVED
0, RO
RESERVED
11
DESCRAM_TIMEOUT_DIS
0, RW
Disable 100Base-TX Descrambler Timeout:
1 = Disable packet reception when received packet violates the
descrambler timeout. This occurs when the packet is longer than
1.5ms.
0 = Stops packet reception when received packet violates the
descrambler timeout. This occurs when the packet is longer than
1.5ms.
10:7
DESCRAM_TIMEOUT
1111, RW
Descrambler Timeout:
Adjust the descrambler time out value. This value refers to the
recovery time due to descrambler unlock. Timer is in ms units.
6
FORCE_100_OK
0, RW
Force 100Mbps Good Link:
1 = Forces 100Mbps good link.
0 = Normal operation.
5
ENH_MLT3_DET_EN
1, RW
Enhanced MLT-3 Detection Enable:
1 = Enable enhanced MLT-3 Detection.
0 = Normal operation.
4
ENH_IPG_DET_EN
0, RW
Enhanced Interpacket Gap Detection Enable:
1 = Enable enhanced interpacket gap detection.
0 = Normal operation.
3
RESERVED
0, RO
RESERVED
2
SCR_DIS
0, RW
Disable Scrambler:
1 = Disable scrambler.
0 = Normal operation.
1
ODD_NIBBLE_DETECT
0, RW
Enable Odd Nibble Detection:
1 = Detect when an odd number of nibbles is received.
0 = Normal operation.
0
FAST_RX_DV
0, RW
Fast RX_DV Enable:
1 = Enable fast RX_DV.
0 = Normal operation.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
78
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com