Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 73 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 73 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 69Page - Texas Instruments DP83867CSRGZ Datasheet HTML 70Page - Texas Instruments DP83867CSRGZ Datasheet HTML 71Page - Texas Instruments DP83867CSRGZ Datasheet HTML 72Page - Texas Instruments DP83867CSRGZ Datasheet HTML 73Page - Texas Instruments DP83867CSRGZ Datasheet HTML 74Page - Texas Instruments DP83867CSRGZ Datasheet HTML 75Page - Texas Instruments DP83867CSRGZ Datasheet HTML 76Page - Texas Instruments DP83867CSRGZ Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
7.6.26 Control Register (CTRL)
Table 7-36. Control Register (CTRL), Address 0x001F
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
SW_RESET
0, RW, SC
Software Reset:
1 = Perform a full reset, including registers.
0 = Normal operation.
14
SW_RESTART
0, RW, SC
Software Restart:
1 = Perform a full reset, not including registers. .
0 = Normal operation.
13:0
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
7.6.27 Testmode Channel Control (TMCH_CTRL)
Table 7-37. Testmode Channel Control (TMCH_CTRL), Address 0x0025
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0x04
RESERVED
7:5
TM_CH_SEL
0x0
Test mode Channel Select.
If bit 7 is set then Test mode is driven on all 4 channels. If bit 7 is
cleared then test modes are driven according to bits 6:5 as follows:
00: Channel A
01: Channel B
10: Channel C
11: Channel D
4:0
RESERVED
0x00
RESERVED
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com