Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 72 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 72 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 68Page - Texas Instruments DP83867CSRGZ Datasheet HTML 69Page - Texas Instruments DP83867CSRGZ Datasheet HTML 70Page - Texas Instruments DP83867CSRGZ Datasheet HTML 71Page - Texas Instruments DP83867CSRGZ Datasheet HTML 72Page - Texas Instruments DP83867CSRGZ Datasheet HTML 73Page - Texas Instruments DP83867CSRGZ Datasheet HTML 74Page - Texas Instruments DP83867CSRGZ Datasheet HTML 75Page - Texas Instruments DP83867CSRGZ Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 129 page
background image
Table 7-35. Configuration Register 3 (CFG3), Address 0x001E (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
11
Extended FD Ability
0, RW
Extended Full-Duplex Ability:
1 = Force Full-Duplex while working with link partner in forced 100B-
TX. When the PHY is set to Auto-Negotiation or Force 100B-TX and
the link partner is operated in Force 100B-TX, the link is always Full
Duplex
0 = Disable Extended Full Duplex Ability. Decision to work in Full
Duplex or Half Duplex mode follows IEEE specification.
10
RESERVED
0, RO
RESERVED
9
Robust Auto-MDIX
0, RW
Robust Auto-MDIX:
1 =Enable Robust Auto MDI/MDIX resolution
0 = Normal Auto MDI/MDIX mode
If link partners are configured to operational modes that are not
supported by normal Auto MDI/MDIX mode (like Auto-Neg versus
Force 100Base-TX or Force 100Base-TX versus Force 100Base-
TX), this Robust Auto MDI/MDIX mode allows MDI/MDIX resolution
and prevents deadlock.
8
Fast Auto-MDIX
0, RW
Fast Auto MDI/MDIX:
1 = Enable Fast Auto MDI/MDIX mode
0 = Normal Auto MDI/MDIX mode
If both link partners are configured to work in Force 100Base-TX
mode (Auto-Negotiation is disabled), this mode enables Automatic
MDI/MDIX resolution in a short time.
7
INT_OE
0, RW
Interrupt Output Enable:
1 = INTN/PWDNN Pad is an Interrupt Output.
0 = INTN/PWDNN Pad in a Power-Down Input.
6
FORCE_INTERRUPT
0, RW
Force Interrupt:
1 = Assert interrupt pin.
0 = Normal interrupt mode.
5:3
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
2
TDR_FAIL
0, RO
TDR Failure:
1 = TDR failed.
0 = Normal TDR operation.
1
TDR_DONE
1, RO
TDR Done:
1 = TDR has completed.
0 = TDR has not completed.
0
TDR_START
0, RW
TDR Start:
1 = Start TDR.
0 = Normal operation
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
72
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com