Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 40 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 40 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 36Page - Texas Instruments DP83867CSRGZ Datasheet HTML 37Page - Texas Instruments DP83867CSRGZ Datasheet HTML 38Page - Texas Instruments DP83867CSRGZ Datasheet HTML 39Page - Texas Instruments DP83867CSRGZ Datasheet HTML 40Page - Texas Instruments DP83867CSRGZ Datasheet HTML 41Page - Texas Instruments DP83867CSRGZ Datasheet HTML 42Page - Texas Instruments DP83867CSRGZ Datasheet HTML 43Page - Texas Instruments DP83867CSRGZ Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 129 page
background image
Table 7-6. 4-Level Strap Pins (continued)
PIN NAME
48VQFN PIN #
DEFAULT
STRAP FUNCTION
LED_1
46
[00]
MODE
ANEG_SEL
RGMII Clock Skew
TX[2]
1
0
0
2
0
1
3
1
0
4
1
1
LED_0
47
[00]
MODE
Mirror Enable
SGMII Enable
1
0
0
2
0
1
3
1
0
4
1
1
(1)
Strap modes 1 and 2 are not applicable for RX_CTRL. The RX_CTRL strap must be configured for strap mode 3 or strap mode 4. If
the RX_CTRL pin cannot be strapped to mode 3 or mode 4, bit[7] of Configuration Register 4 (address 0x0031) must be cleared to 0.
Autoneg Disable can always be set to 0 when using gigabit Ethernet.
(2)
Only Mode 1 and 3 are valid for GPIO_0. Mode 2 and 4 are not applicable and can not be used.
Note
RX_D1 is not a strap input, but this pin must be populated with the same strap resistors chosen
for RX_D0. RX_D0 and RX_D1 form an SGMII differential pair. The dummy straps on RX_D1 are
required to provide a balanced load for this SGMII differential pair.
Note
RX_D3 is not a strap input, but this pin must be populated with the same strap resistors chosen
for RX_D2. RX_D2 and RX_D3 form an SGMII differential pair. The dummy straps on RX_D3 are
required to provide a balanced load for this SGMII differential pair.
Table 7-7. Auto-Negotiation Select Strap Details
MODE
ANEG_SEL
REMARKS
10/100/1000
0
advertise ability of 10/100/1000
100/1000
1
advertise ability of 100/1000 only
Table 7-8. RGMII Transmit Clock Skew Details
MODE
RGMII CLOCK SKEW
TX[2]
RGMII CLOCK SKEW
TX[1]
RGMII CLOCK SKEW
TX[0]
RGMII TX CLOCK SKEW
1
0
0
0
2.0ns
2
0
0
1
1.5ns
3
0
1
0
1.0ns
4
0
1
1
0.5ns
5
1
0
0
0ns
6
1
0
1
3.5ns
7
1
1
0
3.0ns
8
1
1
1
2.5ns
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com