Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 66 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 66 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 62Page - Texas Instruments DP83867CSRGZ Datasheet HTML 63Page - Texas Instruments DP83867CSRGZ Datasheet HTML 64Page - Texas Instruments DP83867CSRGZ Datasheet HTML 65Page - Texas Instruments DP83867CSRGZ Datasheet HTML 66Page - Texas Instruments DP83867CSRGZ Datasheet HTML 67Page - Texas Instruments DP83867CSRGZ Datasheet HTML 68Page - Texas Instruments DP83867CSRGZ Datasheet HTML 69Page - Texas Instruments DP83867CSRGZ Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 129 page
background image
7.6.20 BIST Control Register (BISCR)
This register is used for Build-In Self Test (BIST) configuration. The BIST functionality provides Pseudo Random
Bit Stream (PRBS) mechanism including packet generation generator and checker. Selection of the exact
loopback point in the signal chain is also done in this register.
Table 7-30. BIST Control Register (BISCR), Address 0x0016
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
PRBS_COUNT_MODE
0, RW
PRBS Continuous Mode:
1 = Continuous mode enabled. When one of the PRBS counters
reaches the maximum value, a pulse is generated and the counter
starts counting from zero again. This bit must be set for proper PRBS
operation.
0 = PRBS continuous mode disabled. PRBS operation is not
supported for this setting.
14
GEN_PRBS_PACKET
0, RW
Generated PRBS Packets:
1 = When the packet generator is enabled, the PHY generates
continuous packets with PRBS data. When the packet generator is
disabled, the PRBS checker is still enabled.
0 = When the packet generator is enabled, the PHY generates a
single packet with constant data. PRBS generation and checking is
disabled.
13
PACKET_GEN_64BIT_MODE
0, RW
BIST Packet Size:
1 = Transmit 64 byte packets in packet generation mode.
0 = Transmit 1518 byte packets in packet generation mode
12
PACKET_GEN_EN
0, RW
Packet BIST Enable:
1 = Enable packet/PRBS generator
0 = Disable packet/PRBS generator
11:8
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
7
REV_LOOP_RX_DATA_CTRL
0, RW
Reverse Loopback Receive Data Control:
This bit can only be set in Reverse Loopback mode.
1 = Send RX packets to MAC in reverse loop
0 = Suppress RX packets to MAC in reverse loop
6
MII_LOOP_TX_DATA_CTRL
0, RW
MII Loopback Transmit Data Control:
This bit can only be set in MII Loopback mode.
1 = Transmit data to MDI in MII loop
0 = Suppress data to MDI in MII loop
5:2
LOOPBACK_MODE
0, RW
Loopback Mode Select:
PCS Loopback must be disabled (Bits [1:0] =00) prior to selecting the
loopback mode.
1000: Reverse loop
0100: External loop
0010: Analog loop
0001: Digital loop
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
66
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com