Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 10 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 6Page - Texas Instruments DP83867CSRGZ Datasheet HTML 7Page - Texas Instruments DP83867CSRGZ Datasheet HTML 8Page - Texas Instruments DP83867CSRGZ Datasheet HTML 9Page - Texas Instruments DP83867CSRGZ Datasheet HTML 10Page - Texas Instruments DP83867CSRGZ Datasheet HTML 11Page - Texas Instruments DP83867CSRGZ Datasheet HTML 12Page - Texas Instruments DP83867CSRGZ Datasheet HTML 13Page - Texas Instruments DP83867CSRGZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
6.5 Electrical Characteristics (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life
of the product containing the device.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High level input voltage
0.7 × VDDIO
V
VIL
Low level input voltage
0.2 × VDDIO
V
XI INPUT VOLTAGE
VOSC
Input voltage for 25MHz
Oscillator
1.5
1.9
Vpp
VIH
High level input voltage
1.4
V
VIL
Low level input voltage
0.45
V
DC CHARACTERISTICS
IIH
Input high current
VIN = VDD, TA = –40°C to
+85°C
-10
10
µA
VIN = VDD, TA = 85°C to
+105°C
-20
20
µA
IIL
Input low current
VIN = GND, TA = –40°C to
+85°C
-10
10
µA
VIN = GND, TA = 85°C to
+105°C
-20
20
µA
IOZ
TRI-STATE output current
VOUT = VDD, VOUT = GND,
TA = –40°C to +85°C
-10
10
µA
VOUT = VDD, VOUT = GND,
TA = 85°C to +105°C
-20
20
µA
CIN
Input capacitance
See (3)
5
pF
VOD
SGMII
SGMII OUTPUTS
VOD
SGMII
ERGZ/ISRGZ
300
800
mV Peak
Differnetial
PMD OUTPUTS
VOD-10
MDI
ERGZ/ISRGZ
1.54
1.75
1.96
V Peak
Differential
CSRGZ
1.75
VOD-100
MDI
ERGZ/ISRGZ
0.95
1
1.05
V Peak
Differential
CSRGZ
1
VOD-1000
MDI
ERGZ/ISRGZ
0.67
0.745
0.82
V Peak
Differential
CSRGZ
0.745
POWER CONSUMPTION
P1000
RGMII power consumption(1)
(2) (4)
2 supplies
495
mW
Optional 3rd supply
457
IDD25
Supply current
2 supplies
137
mA
IDD10
108
mA
IDDIO (1.8V)
24
mA
IDD25
Supply current
Optional 3rd supply
86
mA
IDD10
108
mA
IDD18
50
mA
IDDIO (1.8V)
24
mA
(1)
Power consumption represents total operational power for 1000BASE-T.
(2)
See Section 8.3 for details on 2-supply and 3-supply configuration.
(3)
Specified by production test, characterization, or design.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com