Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 9 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 9 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 5Page - Texas Instruments DP83867CSRGZ Datasheet HTML 6Page - Texas Instruments DP83867CSRGZ Datasheet HTML 7Page - Texas Instruments DP83867CSRGZ Datasheet HTML 8Page - Texas Instruments DP83867CSRGZ Datasheet HTML 9Page - Texas Instruments DP83867CSRGZ Datasheet HTML 10Page - Texas Instruments DP83867CSRGZ Datasheet HTML 11Page - Texas Instruments DP83867CSRGZ Datasheet HTML 12Page - Texas Instruments DP83867CSRGZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 129 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Supply voltage
VDDA2P5
2.375
2.5
2.625
V
VDDA1P8
1.71
1.8
1.89
VDD1P0
0.95
1
1.155
VDDIO
3.3V option
3.15
3.3
3.45
2.5V option
2.375
2.5
2.625
1.8V option
1.71
1.8
1.89
Operating junction temperature
Commercial (DP83867CSRGZ)
0
90
°C
Industrial (DP83867ISRGZ)
–40
105
Extended (DP83867ERGZ)
–40
125
Operating free air temperature
Commercial (DP83867CSRGZ)
0
25
70
°C
Industrial (DP83867ISRGZ)
–40
25
85
Extended (DP83867ERGZ)
–40
25
105
6.4 Thermal Information
THERMAL METRIC(1)
DP83867xS, DP83867E
UNIT
RGZ (VQFN)
48 PINS
RθJA
Junction-to-ambient thermal resistance
30.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.4
°C/W
RθJB
Junction-to-board thermal resistance
7.5
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life
of the product containing the device.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3V VDDIO
VOH
High level output voltage
IOH = –4mA
2
V
VOL
Low level output voltage
IOL = 4mA
0.6
V
VIH
High level input voltage
1.7
V
VIL
Low level input voltage
0.7
V
2.5V VVDDIO
VOH
High level output voltage
IOH = –4mA
VDDIO × 0.8
V
VOL
Low level output voltage
IOL = 4mA
0.6
V
VIH
High level input voltage
1.7
V
VIL
Low level input voltage
0.7
V
1.8V VDDIO
VOH
High level output voltage
IOH = –1mA
VDDIO – 0.2
V
VOL
Low level output voltage
IOL = 1mA
0.2
V
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com