Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 8 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 4Page - Texas Instruments DP83867CSRGZ Datasheet HTML 5Page - Texas Instruments DP83867CSRGZ Datasheet HTML 6Page - Texas Instruments DP83867CSRGZ Datasheet HTML 7Page - Texas Instruments DP83867CSRGZ Datasheet HTML 8Page - Texas Instruments DP83867CSRGZ Datasheet HTML 9Page - Texas Instruments DP83867CSRGZ Datasheet HTML 10Page - Texas Instruments DP83867CSRGZ Datasheet HTML 11Page - Texas Instruments DP83867CSRGZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 129 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply voltage
VDDA2P5
–0.3
3
V
VDDA1P8
–0.3
2.1
VDD1P0
–0.3
1.3
VDDIO
3.3V option
–0.3
3.8
2.5V option
–0.3
3
1.8V option
–0.3
2.1
Pins
MDI
–0.3
6.5
V
MAC interface, MDIO, MDC, GPIO
–0.3
VDDIO + 0.3
INT/PWDN, RESET
–0.3
VDDIO + 0.3
JTAG
–0.3
VDDIO + 0.3
XI (Oscillator Clock Input)
–0.3
2.1
V
Storage temperature, Tstg
–60
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods can affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
DP83867ERGZ and DP83867ISRGZ in the RGZ Package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/
JEDEC JS-001(1)
All pins except 1, 2, 4, 5,
7, 8, 10, and 11
±2500
V
Pins 1, 2, 4, 5, 7, 8, 10,
and 11(3)
±8000
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
DP83867CSRGZ in the RGZ Package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/
JEDEC JS-001(1)
All pins except 1, 2, 4, 5,
7, 8, 10, and 11
±2500
V
Pins 1, 2, 4, 5, 7, 8, 10,
and 11(3)
±6000
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500V HBM is possible with the necessary precautions. Pins listed as ±8V and/or ± 2V can actually have higher performance.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250V CDM is possible with the necessary precautions. Pins listed as ±500V can actually have higher performance.
(3)
MDI Pins tested as per IEC 61000-4-2 standards.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com