Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 56 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 56 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 52Page - Texas Instruments DP83867CSRGZ Datasheet HTML 53Page - Texas Instruments DP83867CSRGZ Datasheet HTML 54Page - Texas Instruments DP83867CSRGZ Datasheet HTML 55Page - Texas Instruments DP83867CSRGZ Datasheet HTML 56Page - Texas Instruments DP83867CSRGZ Datasheet HTML 57Page - Texas Instruments DP83867CSRGZ Datasheet HTML 58Page - Texas Instruments DP83867CSRGZ Datasheet HTML 59Page - Texas Instruments DP83867CSRGZ Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 129 page
background image
7.6.11 Status Register 1 (STS1)
Table 7-20. Status Register 1 (STS1) Address 0x000A
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
MASTER / SLAVE
CONFIGURATION FAULT
0, RO, LH, COR Master / Slave Manual Configuration Fault Detected:
1 = Manual Master/Slave Configuration fault detected.
0 = No Manual Master/Slave Configuration fault detected.
14
MASTER / SLAVE
CONFIGURATION
RESOLUTION
0, RO
Master / Slave Configuration Results:
1 = Configuration resolved to MASTER.
0 = Configuration resolved to SLAVE.
13
LOCAL RECEIVER STATUS
0, RO
Local Receiver Status:
1 = Local receiver is OK.
0 = Local receiver is not OK.
12
REMOTE RECEIVER STATUS
0, RO
Remote Receiver Status:
1 = Remote receiver is OK.
0 = Remote receiver is not OK.
11
1000BASE-T FULL DUPLEX
0, RO
Link Partner 1000BASE-T Full Duplex Capable:
1 = Link Partner capable of 1000Base-T Full Duplex.
0 = Link partner not capable of 1000Base-T Full Duplex.
10
1000BASE-T HALF DUPLEX
0, RO
Link Partner 1000BASE-T Half Duplex Capable:
1 = Link Partner capable of 1000Base-T Half Duplex.
0 = Link partner not capable of 1000Base-T Half Duplex.
9:8
RESERVED
00, RO
RESERVED by IEEE: Writes ignored, read as 0.
7:0
IDLE ERROR COUNTER
0000 0000, RO,
COR
1000BASE-T Idle Error Counter
7.6.12 Extended Register Addressing
REGCR (0x000D) and ADDAR (0x000E) allow read/write access to the extended register set (addresses above
0x001F) using indirect addressing.
• REGCR [15:14] = 00: A write to ADDAR modifies the extended register set address register. This address
register must be initialized to access any of the registers within the extended register set.
• •REGCR [15:14] = 01: A read or write to ADDAR operates on the register within the extended register set
selected (pointed to) by the value in the address register. The address register contents (pointer) remain
unchanged.
• REGCR [15:14] = 10: A read or write to ADDAR operates on the register within the extended register set
selected (pointed to) by the value in the address register. After that access is complete, for both reads and
writes, the value in the address register is incremented.
• REGCR [15:14] = 11: A read or write to ADDAR operates on the register within the extended register set
selected (pointed to) by the value in the address register. After that access is complete, for write accesses
only, the value in the address register is incremented. For read accesses, the value of the address register
remains unchanged.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
56
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com