Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 53 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 53 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 49Page - Texas Instruments DP83867CSRGZ Datasheet HTML 50Page - Texas Instruments DP83867CSRGZ Datasheet HTML 51Page - Texas Instruments DP83867CSRGZ Datasheet HTML 52Page - Texas Instruments DP83867CSRGZ Datasheet HTML 53Page - Texas Instruments DP83867CSRGZ Datasheet HTML 54Page - Texas Instruments DP83867CSRGZ Datasheet HTML 55Page - Texas Instruments DP83867CSRGZ Datasheet HTML 56Page - Texas Instruments DP83867CSRGZ Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 129 page
background image
7.6.8 Auto-Negotiation Next Page Transmit Register (ANNPTR)
This register contains the next page information sent by this device to the Link Partner during Auto-Negotiation.
Table 7-17. Auto-Negotiation Next Page Transmit Register (ANNPTR), Address 0x0007
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
NP
0, RW
Next Page Indication:
0 = No other Next Page Transfer desired.
1 = Another Next Page desired.
14
ACK
0, RO
Acknowledge:
1 = Acknowledge reception of link code word
0 = Do not acknowledge of link code word.
13
MP
1, RW
Message Page:
1 = Current page is a Message Page.
0 = Current page is an Unformatted Page.
12
ACK2
0, RW
Acknowledge2:
1 = Complies with message.
0 = Cannot comply with message.
Acknowledge2 is used by the next page function to indicate that
Local Device has the ability to comply with the message received.
11
TOG_TX
0, RO
Toggle:
1 = Value of toggle bit in previously transmitted Link Code Word was
0.
0 = Value of toggle bit in previously transmitted Link Code Word was
1.
Toggle is used by the Arbitration function within Auto-Negotiation
to verify synchronization with the Link Partner during Next Page
exchange. This bit always take the opposite value of the Toggle bit in
the previously exchanged Link Code Word.
10:0
CODE
000 0000 0001,
RW
Code:
This field represents the code field of the next page transmission.
If the MP bit is set (bit 13 of this register), then the code shall be
interpreted as a "Message Page”, as defined in Annex 28C of IEEE
802.3u. Otherwise, the code shall be interpreted as an "Unformatted
Page”, and the interpretation is application specific.
The default value of the CODE represents a Null Page as defined in
Annex 28C of IEEE 802.3u.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com