Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 75 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 75 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 71Page - Texas Instruments DP83867CSRGZ Datasheet HTML 72Page - Texas Instruments DP83867CSRGZ Datasheet HTML 73Page - Texas Instruments DP83867CSRGZ Datasheet HTML 74Page - Texas Instruments DP83867CSRGZ Datasheet HTML 75Page - Texas Instruments DP83867CSRGZ Datasheet HTML 76Page - Texas Instruments DP83867CSRGZ Datasheet HTML 77Page - Texas Instruments DP83867CSRGZ Datasheet HTML 78Page - Texas Instruments DP83867CSRGZ Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 129 page
background image
7.6.29 Fast Link Drop Configuration Register (FLD_CFG)
Table 7-39. Fast Link Drop Configuration Register (FLD_CFG), Address 0x002D
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
FORCE_DROP
0, RW
Force Drop Link
Forces the link partner to drop the link when no signal is received.
1 = Drops link
0 = Normal operation
14
FLD_EN
0, RW
1000BASE-T Fast Link Drop:
This bit must be set to 0 during the link up process. After the link is
established set this bit to 1 to enable FLD.
1 = Enable FLD
0 = Normal operation
13
RESERVED
0, RO
RESERVED
12:8
FLD_STS
0, RO, LH
Fast Link Drop Status:
Status Registers that latch high each time a given Fast Link Down
mode is activated and causes a link drop (assuming this criterion
was enabled):
Bit 12: Descrambler Loss Sync
Bit 11: RX Errors
Bit 10: MLT3 Errors
Bit 9: SNR level
Bit 8: Signal/Energy Lost
7:5
RESERVED
0, RO
RESERVED
4:0
FLD_SRC_CFG
0, RW
Fast Link Drop Source Configuration:
The following FLD sources can be configured independently:
Bit 4: Descrambler Loss Sync
Bit 3: RX Errors
Bit 2: MLT3 Errors
Bit 1: SNR level
Bit 0: Signal/Energy Lost
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com