Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 103 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 103 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 99Page - Texas Instruments DP83867CSRGZ Datasheet HTML 100Page - Texas Instruments DP83867CSRGZ Datasheet HTML 101Page - Texas Instruments DP83867CSRGZ Datasheet HTML 102Page - Texas Instruments DP83867CSRGZ Datasheet HTML 103Page - Texas Instruments DP83867CSRGZ Datasheet HTML 104Page - Texas Instruments DP83867CSRGZ Datasheet HTML 105Page - Texas Instruments DP83867CSRGZ Datasheet HTML 106Page - Texas Instruments DP83867CSRGZ Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 129 page
background image
Table 7-139. TDR Peak Sign CD (TDR_PEAKS_SIGN_C_D), Address 0x01A6 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
7
TDR_PEAKS_SIGN_D_2
0, RO
found peaks sign 2 in channel D
6
TDR_PEAKS_SIGN_D_1
0, RO
found peaks sign 1 in channel D
5
TDR_PEAKS_SIGN_D_0
0, RO
found peaks sign 0 in channel D
4
TDR_PEAKS_SIGN_C_4
0, RO
found peaks sign 4 in channel C
3
TDR_PEAKS_SIGN_C_3
0, RO
found peaks sign 3 in channel C
2
TDR_PEAKS_SIGN_C_2
0, RO
found peaks sign 2 in channel C
1
TDR_PEAKS_SIGN_C_1
0, RO
found peaks sign 1 in channel C
0
TDR_PEAKS_SIGN_C_0
0, RO
found peaks sign 0 in channel C
7.6.130 Programmable Gain Register (PROG_GAIN)
Table 7-140. Programmable Gain (PROG_GAIN), Address 0x01D5
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:4
RESERVED
1111 0101
0000, RW
RESERVED
3
UNF_FUNC_MODE
0, RW
For Force Mode Only
1 = Sets required swing level for compliance testing.
0 = Normal operation.
2
RESERVED
0, RW
RESERVED
1
SGMII_TX_POL_IN
0, RW
SGMII TX Bus Polarity Invert
1 = Invert Polarity
0 = Normal Polarity
0
SGMII_RX_POL_IN
0, RW
SGMII RX Bus Polarity Invert
1= Invert Polarity
0 = Normal Polarity
7.6.131 MMD3 PCS Control Register (MMD3_PCS_CTRL)
This register is accessed via indirect register access. See Section 7.4.2.1 for details
Table 7-141. MMD3 PCS Control Register (MMD3_PCS_CTRL), MMD3 Address 0x0000
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
PCS_RESET
0, RW, SC
MMD3 PCS Reset:
1 = Resets the MMD3 register. Note: Setting this bit subsequently
causes a soft reset via the BMCR RESET bit (bit 15 of register
address 0x0000).
0 = Normal operation.
14:0
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com