Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 110 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 110 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 106Page - Texas Instruments DP83867CSRGZ Datasheet HTML 107Page - Texas Instruments DP83867CSRGZ Datasheet HTML 108Page - Texas Instruments DP83867CSRGZ Datasheet HTML 109Page - Texas Instruments DP83867CSRGZ Datasheet HTML 110Page - Texas Instruments DP83867CSRGZ Datasheet HTML 111Page - Texas Instruments DP83867CSRGZ Datasheet HTML 112Page - Texas Instruments DP83867CSRGZ Datasheet HTML 113Page - Texas Instruments DP83867CSRGZ Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 129 page
background image
8.2.2 Detailed Design Procedure
8.2.2.1 MAC Interface
The Media Independent Interface (SGMII / RGMII) connects the DP83867 to the Media Access Controller
(MAC). The MAC can in fact be a discrete device, integrated into a microprocessor, CPU, or FPGA.
8.2.2.1.1 SGMII Layout Guidelines
• All SGMII connections must be AC-coupled through an 0.1µF capacitor. Series capacitors must be 0.1µF and
the size must be 0402 or smaller.
• SGMII signals are differential signals.
• Traces must be routed with 100Ω differential impedance.
• Skew matching within a pair must be less than 5pS, which correlates to 30 mil for standard FR4.
• There is no requirement to match the TX pair to the RX pair.
• SGMII signals must be routed on the same layer.
• Pairs must be referenced to parallel ground plane.
• When operating in 6-wire mode, the RX pair must match the Clock pair to within 5pS, which correlates to 30
mil for standard FR4.
8.2.2.1.2 RGMII Layout Guidelines
• RGMII signals are single-ended signals.
• Traces must be routed with impedance of 50Ω to ground.
• Skew between TXD[3:0] lines must be less than 11ps, which correlates to 60 mil for standard FR4.
• Skew between RXD[3:0] lines must be less than 11ps, which correlates to 60 mil for standard FR4.
• Keep trace lengths as short as possible; less than 2 inches is recommended with less than 6 inches as
maximum length.
• Configurable clock skew for GTX_CLK and RX_CLK.
– Clock skew for RX and TX paths can be optimized independently.
– Clock skew is adjustable in 0.25ns increments (through register).
8.2.2.2 Media Dependent Interface (MDI)
The Media Dependent Interface (MDI) connects the DP83867 to the transformer and the Ethernet network.
8.2.2.2.1 MDI Layout Guidelines
• MDI traces must be 50Ω to ground and 100Ω-differential controlled impedance.
• Route MDI traces to transformer on the same layer.
• Use a metal shielded RJ-45 connector, and connect the shield to chassis ground.
• Use magnetics with integrated common-mode choking devices.
• Void supplies and ground beneath magnetics.
• Do not overlap the circuit and chassis ground planes, keep them isolated. Instead, make chassis ground
an isolated island and make a void between the chassis and circuit ground. Connecting circuit and chassis
planes using a size 1206 resistor and capacitor on either side of the connector is a good practice.
8.2.3 Application Curves
Table 8-4 lists the application curves for this application.
Table 8-4. Table of Graphs
TITLE
FIGURE
1000Base-T Signaling
Figure 6-9
100Base-TX Signaling
Figure 6-10
8.3 Power Supply Recommendations
The DP83867 is capable of operating with as few as two or three supplies. The I/O power supply can also be
operated independently of the main device power supplies to provide flexibility for the MAC interface.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
110
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com