Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZ Datasheet(PDF) 127 Page - Texas Instruments

Part # DP83867CSRGZ
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZ Datasheet(HTML) 127 Page - Texas Instruments

Back Button DP83867CSRGZ Datasheet HTML 121Page - Texas Instruments DP83867CSRGZ Datasheet HTML 122Page - Texas Instruments DP83867CSRGZ Datasheet HTML 123Page - Texas Instruments DP83867CSRGZ Datasheet HTML 124Page - Texas Instruments DP83867CSRGZ Datasheet HTML 125Page - Texas Instruments DP83867CSRGZ Datasheet HTML 126Page - Texas Instruments DP83867CSRGZ Datasheet HTML 127Page - Texas Instruments DP83867CSRGZ Datasheet HTML 128Page - Texas Instruments DP83867CSRGZ Datasheet HTML 129Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 127 / 129 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
48X (0.24)
48X (0.6)
(
0.2) TYP
VIA
44X (0.5)
(6.8)
(6.8)
(1.115)
TYP
(
4.1)
(R0.05)
TYP
(0.685)
TYP
(1.115) TYP
(0.685)
TYP
VQFN - 1 mm max height
RGZ0048B
PLASTIC QUAD FLATPACK - NO LEAD
4218795/B 02/2017
SYMM
1
12
13
24
25
36
37
48
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:12X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
49
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com