Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 15 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 15 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 11Page - Positronic. PLB12F0000/AA. Datasheet HTML 12Page - Positronic. PLB12F0000/AA. Datasheet HTML 13Page - Positronic. PLB12F0000/AA. Datasheet HTML 14Page - Positronic. PLB12F0000/AA. Datasheet HTML 15Page - Positronic. PLB12F0000/AA. Datasheet HTML 16Page - Positronic. PLB12F0000/AA. Datasheet HTML 17Page - Positronic. PLB12F0000/AA. Datasheet HTML 18Page - Positronic. PLB12F0000/AA. Datasheet HTML 19Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
9
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
0
10
4
8
12
16
20
24
28
32
36
40
44
48
20 30 40 50 60 70 80 90 100
0
0 0
100
90
80
70
60
50
40
30
20
10
32
28
24
20
16
12
8
4
48
44
40
36
PLA03
PLB12
PLC30
PLAH03
PLBH12
PLCH30
STANDARD CONTACT MATERIALS
CONNECTORS WITH PL* PREFIX
HIGH CONDUCTIVITY CONTACT MATERIALS
CONNECTORS WITH PL*H PREFIX
OR “S” SUFFIX ON CRIMP CONTACTS
TEMPERATURE RISE (°C)
TEMPERATURE RISE (°C)
TEST DETAIL: Each curve was developed using individual connector bodies fully loaded with contacts. All power
contacts energized through 12 awg wire. Temperature rise was measured in the contact mating area. Test was
conducted with connectors in static air. Terminations of test connectors were straight compliant press-in to right angle
(90°) solder. See page 4 for more information.
Temperature rise curves and contact current ratings were developed for the specific connector variants shown
when tested in accordance with UL1977.
This information is provided so that the user can make comparisons between various connector sizes and
contact materials.
CONTACT CURRENT RATINGS
CONNECTOR
VARIANT
STANDARD
CONTACTS
CONNECTOR
VARIANT
HIGH
CONDUCTIVITY
CONTACTS
PLA03
32 amperes
PLAH03
42 amperes
PLB12
25 amperes
PLBH12
32 amperes
PLC30
18 amperes
PLCH30
24 amperes
TEMPERATURE RISE CURVE
TEMPERATURE RISE CURVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com