Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 36 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 36 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 32Page - Positronic. PLB12F0000/AA. Datasheet HTML 33Page - Positronic. PLB12F0000/AA. Datasheet HTML 34Page - Positronic. PLB12F0000/AA. Datasheet HTML 35Page - Positronic. PLB12F0000/AA. Datasheet HTML 36Page - Positronic. PLB12F0000/AA. Datasheet HTML 37Page - Positronic. PLB12F0000/AA. Datasheet HTML 38Page - Positronic. PLB12F0000/AA. Datasheet HTML 39Page - Positronic. PLB12F0000/AA. Datasheet HTML 40Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
30
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
STRAIGHT SOLDER AND RIGHT ANGLE (90°)
SOLDER PRINTED BOARD CONNECTOR
2X ø 0.123±0.003
[3.12±0.08]
4X 0.386 [9.80]
2X ø0.123±0.003
[3.12±0.08]
3X 0.386 [9.80]
2X 0.856 [21.75]
2X 0.417 [10.60]
3X 0.193 [4.90]
7X ø0.114 [2.90]
5X ø0.114 [2.90]
2X 0.193 [4.90]
2X 0.209 [5.30]
2X 0.648 [16.45]
2X 0.626 [15.90]
2X 0.209 [5.30]
2X 0.417 [10.60]
2X ø0.123±0.003
[3.12±0.08]
3X 0.386 [9.80]
2X 0.417 [10.60]
7X ø0.114 [2.90]
5X ø0.114 [2.90]
2X 0.578 [14.69]
2X 0.209 [5.30]
2X 0.648 [16.45]
2X 0.626 [15.90]
2X 0.209 [5.30]
4X 0.386 [9.80]
2X 0.578 [14.69]
2X 0.856 [21.75]
2X 0.417 [10.60]
2X ø0.123±0.003
[3.12±0.08]
1.013 [25.73]
0.446 [11.33]
A±.020 [0.51]
B
2X ø0.100 [ø2.54]
THRU
0.802 [20.38]
0.146 [3.71]
ø0.090±0.003
[2.29±0.08]
0.401 [10.19]
MALE STRAIGHT PRINTED BOARD MOUNT CONNECTOR
CODE 3, 0.146 [3.71] CONTACT EXTENSION
Typical part number:
PLS5W5M300A1
PART NUMBER
A
B
PLS5W5M300A1
1.795
[45.60]
1.295
[32.90]
PLS7W7M300A1
2.213
[56.20]
1.713
[43.50]
1.013 [25.73]
0.802 [20.38]
A±0.020 [0.51]
0.446 [11.33]
0.264 [6.70]
ø0.100 [ø2.54]
X 0.348 [8.83] DEEP
ø0.090±0.003
[2.29±0.08]
0.146 [3.71]
0.386 [9.80]
0.275 [6.98]
MALE RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONNECTOR
CODE 4, 0.146 [3.71] CONTACT EXTENSION
Typical part number:
PLS5W5M400A1
PRINTED BOARD CONTACT HOLE PATTERNS
STRAIGHT SOLDER
RIGHT ANGLE (90°)
PLS5W5
PLS7W7
PLS5W5
PLS7W7
PART NUMBER
A
B
PLS5W5M400A1
1.795
[45.60]
1.295
[32.90]
PLS7W7M400A1
2.213
[56.20]
1.713
[43.50]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com