Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 37 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 37 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 33Page - Positronic. PLB12F0000/AA. Datasheet HTML 34Page - Positronic. PLB12F0000/AA. Datasheet HTML 35Page - Positronic. PLB12F0000/AA. Datasheet HTML 36Page - Positronic. PLB12F0000/AA. Datasheet HTML 37Page - Positronic. PLB12F0000/AA. Datasheet HTML 38Page - Positronic. PLB12F0000/AA. Datasheet HTML 39Page - Positronic. PLB12F0000/AA. Datasheet HTML 40Page - Positronic. PLB12F0000/AA. Datasheet HTML 41Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
31
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
SAFETY SHROUD CONNECTOR
ORDERING INFORMATION
STEP 3 - CONNECTOR GENDER
M - Male
F - Female
1
2
3
4
5
6
7
8
PLS
5W5
M
4
0
0
A1
/AA
9
ORDERING INFORMATION - CODE NUMBERING SYSTEM
Specify Complete Connector By Selecting An Option From Step 1 Through 7
STEP 1 - BASIC SERIES
PLS - PLS Series
PLSH - High conductivity
contacts
STEP 9 - SPECIAL OPTIONS
CONTACT TECHNICAL SALES
FOR SPECIAL OPTIONS
STEP 6 - CABLE ADAPTER
0 - None
5 - Top Opening Hood, see accessories section page 60.
STEP 5 - MOUNTING STYLE
0 - None.
N - Push-on Fastener for Straight Printed
Board Mount Connectors
STEP 4 - CONTACT TERMINATION TYPE
0 - Order contacts separately for cable connectors for
connection systems 5, 6, 7 and 8, see pages 47-53.
Female connectors only. **
1 - Order contacts separately for Panel Mount connec-
tors for connection system 7, see pages 47-53.
For 7W7 female variant consult technical sales.
3 - Solder, Straight Printed Board Mount with 0.146
[3.71] tail extension for connection system 6.
Male connectors only. ***
4 - Solder, Right Angle (90°) Printed Board Mount with
0.146 [3.71] tail extension for connection system 5.
Male connectors only. ***
STEP 2 - CONNECTOR VARIANTS
5W5 - Five size 12 contacts
7W7 - Seven size 12 contacts
STEP
EXAMPLE
STEP 8 - ENVIRONMENTAL
COMPLIANCE OPTIONS
/AA - RoHS Compliant
STEP 7 - CONTACT PLATING FOR PRINTED
BOARD CONNECTORS
0 - Crimp Contacts ordered separately, see
pages 47-53.
A1 - Gold flash over nickel on mating end and
termination end.
A2 - Gold flash over nickel on mating end and
0.00020 inch [5.00µ] tin-lead solder coat on
termination end.
C1 - 0.000030 inch [0.76µ] gold over nickel on
mating end and termination end.
C2 - 0.000030 inch [0.76µ] gold over nickel on
mating end and 0.00020 inch [5.00µ] tin-lead
solder coated termination end.
D1 - 0.000050 inch [1.27µ] gold over nickel on
mating end and termination end.
D2 - 0.000050 inch [1.27µ] gold over nickel on
mating end and 0.00020 inch [5.00µ] tin-lead
solder coated termination end.
NOTE: Once you have made a connector selection, contact
Technical Sales if you would like to receive a drawing in
DXF, PDF format or a 3-D IGES, STEP, or SOLIDWORKS file.
2-D Drawing
3-D Model
** Consult technical sales for availability of male
version of contact type 0.
*** Consult technical sales for availability of female ver-
sion of contact type 3 and 4.
NOTE: If compliance to environmental
legislation is not required, this step will not
be used. Example: PLS5W5M400A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com