Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 34 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 34 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 30Page - Positronic. PLB12F0000/AA. Datasheet HTML 31Page - Positronic. PLB12F0000/AA. Datasheet HTML 32Page - Positronic. PLB12F0000/AA. Datasheet HTML 33Page - Positronic. PLB12F0000/AA. Datasheet HTML 34Page - Positronic. PLB12F0000/AA. Datasheet HTML 35Page - Positronic. PLB12F0000/AA. Datasheet HTML 36Page - Positronic. PLB12F0000/AA. Datasheet HTML 37Page - Positronic. PLB12F0000/AA. Datasheet HTML 38Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
28
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
System 5
Cable to Right
Angle (90°) Board
Mount
System 7
Cable to Cable
System 6
Cable to Straight
Board Mount
System 8
Panel Mounting
to Cable
CONNECTION SYSTEMS
3
5
2 1
4
4
3
2 1
7
5
6
PLS5W5
PLS7W7
A ±0.020 [0.51]
0.494 [12.54]
0.913 [23.19]
0.802 [20.38]
Typical part number:
PLS5W5F00000
PART NUMBER
A
PLS5W5F0000
1.655
[42.04]
PLS7W7F0000
2.072
[52.64]
CONNECTOR VARIANTS
FACE VIEW OF MALE OR REAR VIEW OF FEMALE CONNECTOR
FEMALE CABLE CONNECTOR
FOR CABLE CONNECTORS WITH SIZE 12 REMOVABLE CONTACTS
CODE 0
CONTACTS ARE NOT SUPPLIED WITH CONNECTOR AND MUST BE ORDERED SEPARATELY
CONNECTION SYSTEMS
AND CABLE CONNECTOR
For information regarding size 12 removable contacts, see Removable Contact section, pages 47-53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com