Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 70 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 70 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 64Page - Positronic. PLB12F0000/AA. Datasheet HTML 65Page - Positronic. PLB12F0000/AA. Datasheet HTML 66Page - Positronic. PLB12F0000/AA. Datasheet HTML 67Page - Positronic. PLB12F0000/AA. Datasheet HTML 68Page - Positronic. PLB12F0000/AA. Datasheet HTML 69Page - Positronic. PLB12F0000/AA. Datasheet HTML 70Page - Positronic. PLB12F0000/AA. Datasheet HTML 71Page - Positronic. PLB12F0000/AA. Datasheet HTML 72Page - Positronic.  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
64
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
BLIND MATING SYSTEM
AND PANEL CUTOUT
Floating connector
PANEL
THICKNESS
Fixed connector
Panel or Printed
Circuit Board
F
B
D
E
F
D1
ø0.250 [6.35]
1.535 [38.99]
0.100 [2.54]
0.063 [1.60]
A
B
C
0.320 [8.13]
2X
0.500 [12.71] HEX
2X
2X
Ø0.265±0.003
[6.73±0.08]
2X
Ø0.400±0.003
[10.16±0.08]
2X
0.250 [6.35]
HEX
0.700 [17.78]
E1
Ø0.096±0.003
[2.44±0.08]
BLIND MATING SYSTEM
Typical Part Number: PLB08F10120
NOTE: Panel thickness may impact the orientation
of mating end of blind mate pin. Shimming between
the panel and the head of the blind mate pin may be
necessary to minimize tilt of the blind mate system.
Contact technical sales for additional technical infor-
mation.
FLOATING CONNECTOR
FIXED CONNECTOR
MATERIALS AND FINISHES:
BLIND MATING PLATE: Stainless steel.
BLIND MATING GUIDE: Stainless steel, passivated.
FLOAT SCREW: Steel, zinc plate with chromate seal.
Blind mating system provides lead in for
0.100 [2.54] axial misalignment.
Blind mating system sold in a kit containing
a connector - plate assembly, Blind mating
guides, and float screws.
PART NUMBER
PANEL THICKNESS
PL*****11*
PLB3W3*10110
0.040 [1.02]
PL*****12*
PLB3W3*10120
0.060 [1.52]
PL*****13*
PLB3W3*10130
0.090 [2.28]
PL*****14*
PLB3W3*10140
0.120 [3.05]
CONNECTOR
VARIANTS
A
B
±0.005
C
D
±0.005
D1
±0.005
E
±0.005
E1
±0.005
F
±0.005
PLA03
2.340
[59.44]
0.882
[22.40]
0.750
[19.05]
0.650
[16.51]
0.860
[21.84]
0.430
[10.92]
0.640
[16.26]
1.522
[38.66]
PLA04
2.537
[64.44]
1.079
[27.41]
0.750
[19.05]
0.847
[21.51]
1.057
[26.85]
0.430
[10.92]
0.640
[16.26]
1.719
[43.66]
PLA06
2.931
[74.45]
1.473
[37.41]
0.750
[19.05]
1.241
[31.52]
1.451
[36.86]
0.430
[10.92]
0.640
[16.26]
2.113
[53.67]
PLA08
3.325
[84.46]
1.867
[47.42]
0.750
[19.05]
1.635
[41.53]
1.845
[46.86]
0.430
[10.92]
0.640
[16.26]
2.507
[63.68]
PLB06
2.340
[59.44]
0.882
[22.40]
0.947
[24.05]
0.650
[16.51]
0.860
[21.84]
0.627
[15.93]
0.837
[21.26]
1.522
[38.66]
PLB08
2.537
[64.44]
1.079
[27.41]
0.947
[24.05]
0.847
[21.51]
1.057
[26.85]
0.627
[15.93]
0.837
[21.26]
1.719
[43.66]
PLB12
2.931
[74.45]
1.473
[37.41]
0.947
[24.05]
1.241
[31.52]
1.451
[36.86]
0.627
[15.93]
0.837
[21.26]
2.113
[53.67]
PLB16
3.325
[84.46]
1.867
[47.42]
0.947
[24.05]
1.635
[41.53]
1.845
[46.86]
0.627
[15.93]
0.837
[21.26]
2.507
[63.68]
PLB3W3
2.537
[64.44]
1.079
[27.41]
0.947
[24.05]
0.847
[21.51]
1.057
[26.85]
0.627
[15.93]
0.837
[21.26]
1.719
[43.66]
PLC09
2.340
[59.44]
0.882
[22.40]
1.144
[29.06]
0.650
[16.51]
0.860
[21.84]
0.824
[20.93]
1.034
[26.26]
1.522
[38.66]
PLC12
2.537
[64.44]
1.079
[27.41]
1.144
[29.06]
0.847
[21.51]
1.057
[26.85]
0.824
[20.93]
1.034
[26.26]
1.719
[43.66]
PLC18
2.931
[74.45]
1.473
[37.41]
1.144
[29.06]
1.241
[31.52]
1.451
[36.86]
0.824
[20.93]
1.034
[26.26]
2.113
[53.67]
PLC24
3.325
[84.46]
1.867
[47.42]
1.144
[29.06]
1.635
[41.53]
1.845
[46.86]
0.824
[20.93]
1.034
[26.26]
2.507
[63.68]
PLC30
3.720
[94.49]
2.262
[57.45]
1.144
[29.06]
2.029
[51.54]
2.239
[56.87]
0.824
[20.93]
1.034
[26.26]
2.902
[73.71]
CODE 11, 12, 13 AND 14
IN STEP 6 OF
ORDERING INFORMATION PAGE
PANEL CUTOUT
FOR USE WITH FLOATING AND FIXED CONNECTOR BLIND MATING SYSTEMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com