Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 5 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 5 Page - Positronic.

  PLB12F0000/AA. Datasheet HTML 1Page - Positronic. PLB12F0000/AA. Datasheet HTML 2Page - Positronic. PLB12F0000/AA. Datasheet HTML 3Page - Positronic. PLB12F0000/AA. Datasheet HTML 4Page - Positronic. PLB12F0000/AA. Datasheet HTML 5Page - Positronic. PLB12F0000/AA. Datasheet HTML 6Page - Positronic. PLB12F0000/AA. Datasheet HTML 7Page - Positronic. PLB12F0000/AA. Datasheet HTML 8Page - Positronic. PLB12F0000/AA. Datasheet HTML 9Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
iii
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
Positronic
connectpositronic.com
Technical Information........................................................................................................................
39-40
Temperature Rises Curves................................................................................................................
40
Cable Connector ...............................................................................................................................
41
Panel Mount Connector ....................................................................................................................
42
Straight Printed Board Mount Connector and Contact Hole Pattern...............................................
43
Right Angle (90°) Printed Board Mount Connector and Contact Hole Pattern ................................
44
Compliant Press-in Connector..........................................................................................................
45
Ordering Information .........................................................................................................................
46
PCS
MIXED
DENSITY
SERIES
Removable Contact Technical Information.......................................................................................
47
Removable Contact Technical Information and Removable Crimp Signal Contact Size 20 ...........
48
Removable Crimp Contact and Solder Cup Contact Size 16 ..........................................................
49
Removable Shielded Contact Size 16 and Removable Crimp Contact Size 12 ..............................
50
Removable Solder Cup Contact Size 12 and Removable Crimp Contact Size 8 ............................
51
Removable Solder Cup and Removable High Voltage Contact Size 8 ............................................
52
Removable Shielded Contact Size 8 ................................................................................................
53
REMOVABLE
CONTACT
Introduction .......................................................................................................................................
54
Contact Application Tools Cross Reference List..............................................................................
55
Press-in User Information and Connector Installation Tooling.........................................................
56
Compliant Press-in Connectors Printed Board Hole Sizes ..............................................................
57
APPLICATION
TOOLS
Right Angle (90°) Metal and Plastic Mounting Brackets...................................................................
58
Push-on Fasteners and Mounting Screws........................................................................................
59
Connector Hoods..............................................................................................................................
60
Quick Release Mounting Clip and Panel Cutout ..............................................................................
61
Fixed Style Mounting Clip and Panel Cutout....................................................................................
62
Panel Mount Cutout ..........................................................................................................................
63
Blind Mating System and Panel Cutout............................................................................................
64
ACCESSORIES
TABLE OF CONTENTS
Visit our website for the latest catalog update s and supple me nts at
https://www.connectpositronic.com/family/power-connection-syste m/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com