Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 64 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 64 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 60Page - Positronic. PLB12F0000/AA. Datasheet HTML 61Page - Positronic. PLB12F0000/AA. Datasheet HTML 62Page - Positronic. PLB12F0000/AA. Datasheet HTML 63Page - Positronic. PLB12F0000/AA. Datasheet HTML 64Page - Positronic. PLB12F0000/AA. Datasheet HTML 65Page - Positronic. PLB12F0000/AA. Datasheet HTML 66Page - Positronic. PLB12F0000/AA. Datasheet HTML 67Page - Positronic. PLB12F0000/AA. Datasheet HTML 68Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
58
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
RIGHT ANGLE (90°) METAL AND PLASTIC
MOUNTING BRACKETS
A±0.005
[0.13]
B±0.005
[0.13]
D±0.020
[0.51]
C±0.020
[0.51]
ø0.100±0.005
[ø2.54±0.13]
0.124±0.005
[ø3.15±0.13]
0.220±0.010
[5.59±0.25]
0.110±0.005
[2.79±0.13]
0.517 [13.13]
B
A
0.375 [9.53]
“N” push-on
fastener shown
for reference
RIGHT ANGLE (90°) PLASTIC MOUNTING BRACKET WITH CROSS BAR
CODE B3 OR CODE B3N ON STEP 5 OF ORDERING INFORMATION PAGE
RIGHT ANGLE (90°) METAL MOUNTING BRACKETS
CODE B ON STEP 5 OF ORDERING INFORMATION PAGE
MATERIAL:
MOUNTING BRACKET/CROSS BAR: Glass filled polyester, UL 94V-0.
PUSH-ON FASTENERS: Copper alloy, tin plated.
MATERIAL: Brass, tin plate.
SERIES
A
B
C
D
PLA
0.204
[5.18]
0.321
[8.15]
0.375
[9.53]
0.492
[12.50]
PLB
0.303
[7.70]
0.420
[10.67]
0.375
[9.53]
0.492
[12.50]
PLC
0.401
[10.19]
0.518
[13.16]
0.375
[9.53]
0.492
[12.50]
CONNECTOR
VARIANT
A
B
PLA03
1.126
[28.60]
0.882
[22.40]
PLA04
1.324
[33.63]
1.080
[27.43]
PLA06
1.718
[43.64]
1.474
[37.44]
PLA08
2.112
[53.64]
1.868
[47.45]
PLB06
1.126
[28.60]
0.882
[22.40]
PLB08
1.324
[33.63]
1.080
[27.43]
PLB12
1.718
[43.64]
1.474
[37.44]
PLB16
2.112
[53.64]
1.868
[47.45]
PLC09
1.126
[28.60]
0.882
[22.40]
PLC12
1.324
[33.63]
1.080
[27.43]
PLC18
1.718
[43.64]
1.474
[37.44]
PLC24
2.112
[53.64]
1.868
[47.45]
PLC30
2.506
[63.65]
2.262
[57.45]
B3 style required
for right angle (90°)
press-in connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com