Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 24 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 24 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 20Page - Positronic. PLB12F0000/AA. Datasheet HTML 21Page - Positronic. PLB12F0000/AA. Datasheet HTML 22Page - Positronic. PLB12F0000/AA. Datasheet HTML 23Page - Positronic. PLB12F0000/AA. Datasheet HTML 24Page - Positronic. PLB12F0000/AA. Datasheet HTML 25Page - Positronic. PLB12F0000/AA. Datasheet HTML 26Page - Positronic. PLB12F0000/AA. Datasheet HTML 27Page - Positronic. PLB12F0000/AA. Datasheet HTML 28Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
18
NEW
0.408
DRAWINGS
[10.36]
L
A±0.020 [0.51]
0.560
[14.22]
A±0.020 [0.51]
0.606
[15.39]
0.560
[14.22]
0.408
[10.36]
A±0.020 [0.51]
A±0.020 [0.51]
0.606
[15.39]
A±0.020 [0.51]
0.802
[20.37]
A±0.020 [0.51]
0.802
[20.37]
0.560
[14.22]
0.560
[14.22]
0.560
[14.22]
0.138 [3.51]
0.197 [5.00]
0.197 [5.00]
0.560
[14.22]
0.138 [3.51]
0.197 [5.00]
0.197 [5.00]
0.138 [3.51]
0.197 [5.00]
0.138 [3.51]
0.197 [5.00]
L
L
L
L
L
0.138 [3.51]
0.138 [3.51]
PLA RIGHT ANGLE (90°) PRESS-IN CONNECTOR
CODE 62 OR CODE 63
For connection systems 1, 2 and 5.
PLB RIGHT ANGLE (90°) PRESS-IN CONNECTOR
CODE 62 OR CODE 63
For connection systems 1, 2 and 5.
PLC RIGHT ANGLE (90°) PRESS-IN CONNECTOR
CODE 62 OR CODE 63
For connection systems 1, 2 and 5.
Plating- See ordering
information for
contact plating
options.
Typical part number:
PLB06M63B30A1
PLBH06M63B30A1
Typical part number:
PLC09M63B30A1
PLCH09M63B30A1
**Asterisk determines gender of connector,
M for male, F for female, and contact code 62 or 63.
Typical part number:
PLC09F63B30A1
PLCH09F63B30A1
MALE
FEMALE
MALE
FEMALE
MALE
FEMALE
PART NUMBER
A
PART NUMBER
A
PLB06**B30A1
PLBH06**B30A1
1.126
[28.60]
PLB12**B30A1
PLBH12**B30A1
1.718
[43.64]
PLB08**B30A1
PLBH08**B30A1
1.324
[33.63]
PLB16**B30A1
PLBH16**B30A1
2.112
[53.64]
PART NUMBER
A
PART NUMBER
A
PLC09**B30A1
PLCH09**B30A1
1.126
[28.60]
PLC24**B30A1
PLCH24**B30A1
2.112
[53.64]
PLC12**B30A1
PLCH12**B30A1
1.324
[33.63]
PLC30**B30A1
PLCH30**B30A11
2.506
[63.65]
PLC18**B30A1
PLCH18**B30A1
1.718
[43.64]
PART NUMBER
A
PART NUMBER
A
PLA03**B30A1
PLAH03**B30A1
1.126
[28.60]
PLA06**B30A1
PLAH06**B30A1
1.718
[43.64]
PLA04**B30A1
PLAH04**B30A1
1.324
[33.63]
PLA08**B30A1
PLAH08**B30A1
2.112
[53.64]
**Asterisk determines gender of connector,
M for male, F for female, and contact code 62 or 63.
Typical part number:
PLA03M63B30A1
PLAH03M63B30A1
Plating- See ordering
information for
contact plating
options.
Plating- See ordering
information for
contact plating
options.
RIGHT ANGLE (90°) PRESS-IN CONNECTOR
FOR USE WITH “FLAT ROCK” TOOLING
CONTACT
CODE
L
PCB
THICKNESS
62
0.183
[4.65]
0.093
[2.36]
63
0.219
[5.56]
0.125
[3.18]
Typical part number:
PLA03F63B30A1
PLAH03F63B30A1
CONTACT
CODE
L
PCB
THICKNESS
62
0.183
[4.65]
0.093
[2.36]
63
0.219
[5.56]
0.125
[3.18]
Typical part number:
PLB06F63B30A1
PLBH06F63B30A1
CONTACT
CODE
L
PCB
THICKNESS
62
0.183
[4.65]
0.093
[2.36]
63
0.219
[5.56]
0.125
[3.18]
**Asterisk determines gender of connector,
M for male, F for female, and contact code 62 or 63.
NOTE: Positronic recommends
the practice of using mounting
hardware to secure connector
to printed circuit board. Mounting
screws are ordered separately by
part number. See page 59.
NOTE: Positronic recommends
the practice of using mounting
hardware to secure connector
to printed circuit board. Mounting
screws are ordered separately by
part number. See page 59.
NOTE: Positronic recommends
the practice of using mounting
hardware to secure connector
to printed circuit board. Mounting
screws are ordered separately by
part number. See page 59.
Rev G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com