Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 31 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 31 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 27Page - Positronic. PLB12F0000/AA. Datasheet HTML 28Page - Positronic. PLB12F0000/AA. Datasheet HTML 29Page - Positronic. PLB12F0000/AA. Datasheet HTML 30Page - Positronic. PLB12F0000/AA. Datasheet HTML 31Page - Positronic. PLB12F0000/AA. Datasheet HTML 32Page - Positronic. PLB12F0000/AA. Datasheet HTML 33Page - Positronic. PLB12F0000/AA. Datasheet HTML 34Page - Positronic. PLB12F0000/AA. Datasheet HTML 35Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
"X"
"X"
NEW
1
2
3
4
5
6
DRAWINGS
EXAMPLE 2
POSITION
NUMBER
1
2
3
4
5
6
7
8
NEW
DRAWINGS
Power
Connection
Systems
Positronic
connectpositronic.com
25
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
1
2
3
4
5
6
7
8
9
E
1
B
2
B
3
D
4
D
SEQUENTIAL MATING SYSTEM
*REMOVABLE CONTACTS FOR CABLE CONNECTORS MUST BE ORDERED SEPARATELY
FOR CONTACT SELECTION, SEE SIZE 16 CONTACTS ON PAGE 49
Typical Part Number:
PLA06M300A1-E1B2B
Typical Part Number:
PLA08M4B0C1-D8B
SELECTION GUIDE FOR ORDERING DIFFERENT CONTACT LENGTHS
STEP 9 OF ORDERING INFORMATION
EXAMPLE 1
SEQUENTIAL MATING SYSTEM
CRIMP REMOVABLE CONTACT PART NUMBERS
SELECT CONNECTOR USING ORDERING INFORMATION ON PAGE 26
THEN CHOOSE STEPS BELOW FOR SEQUENTIAL MATING SYSTEM CONTACTS
STEP
EXAMPLE
STEP 1
Specify code for most frequently
used contact mating length. This
length is used for all contacts not
specified in steps 2 through 9.
Position number for first special
length contact.
Length of contact specified in step 2.
(Choose from length code chart)
Position number for second special
length contact.
Length of contact specified in step 8
(Choose from length code chart).
Position number for fourth special length
contact.
Length of contact specified in step 6 (Choose
from length code chart).
Position number for third special length contact.
Length of contact specified in step 4 (Choose from
length code chart).
STEP 2
STEP 3
STEP 4
STEP 9
STEP 8
STEP 7
STEP 6
STEP 5
WIRE SIZE
AWG/[mm2]
LENGTH
CODE “A”
LENGTH
CODE “C”
LENGTH
CODE “D”
LENGTH
CODE “E”
12 - 14
[4.0 - 2.5]
MC112N-133.3
MC112N-133.2
MC112N-133.1
MC112N-133.0
16 - 18 - 20
[1.5 - 1.0 - 0.5]
MC116N-133.3
MC116N-133.2
MC116N-133.1
MC116N-133.0
LENGTH
CODE
“X”
CONTACT LENGTH
A
0.370 [9.40]
B
0.330 [8.38]
C
0.310 [7.87]
D
0.290 [7.37]
E
0.250 [6.35]
MATING
CONNECTOR TYPE
CONTACT
OPTIONS
Board to Board
B, D, E
Board to Cable*
A, C, E
Cable to Cable*
A, D
SEQUENTIAL CONTACT
MATING CONNECTOR
For information regarding
size 16 removable contacts,
see Removable Contact section,
pages 47-53.
Rev G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com