Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 39 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 39 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 35Page - Positronic. PLB12F0000/AA. Datasheet HTML 36Page - Positronic. PLB12F0000/AA. Datasheet HTML 37Page - Positronic. PLB12F0000/AA. Datasheet HTML 38Page - Positronic. PLB12F0000/AA. Datasheet HTML 39Page - Positronic. PLB12F0000/AA. Datasheet HTML 40Page - Positronic. PLB12F0000/AA. Datasheet HTML 41Page - Positronic. PLB12F0000/AA. Datasheet HTML 42Page - Positronic. PLB12F0000/AA. Datasheet HTML 43Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
33
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
TEMPERATURE RISE (˚C)
TEMPERATURE RISE (˚C)
System 5
Cable to Right
Angle (90°)
Board Mount
System 7
Cable to Cable
System 8
Panel Mounting
to Cable
System 9
Cable Connector with
Cable Adapter
System 1
Mother Board -
Daughter Board
System 2
Side to Side
Board Mounting
System 4
Sandwich Board
Mounting
System 6
Cable to Straight
Board Mount
CONNECTION SYSTEMS
CONNECTION SYSTEM
AND TEMPERATURE RISE CURVE
STANDARD CONTACT MATERIALS
CONNECTORS WITH PLB PREFIX
HIGH CONDUCTIVITY CONTACT MATERIALS
CONNECTORS WITH PLBH PREFIX
OR “S” SUFFIX ON CRIMP CONTACTS
TEMPERATURE RISE CURVE
Test conducted per IEC Publication 60512-3, Test 5a.
All power contacts under load.
Standard Density: Curve developed using PLB3W3M4BN0A1 and PLB3W3F300A1 mated
connector terminated to 12 AWG wire.
High Conductivity: Curve developed using PLBH3W3M9300A1 and PLBH3W3F9300A1 mated
connector terminated to 12 AWG wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com