Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 26 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 26 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 22Page - Positronic. PLB12F0000/AA. Datasheet HTML 23Page - Positronic. PLB12F0000/AA. Datasheet HTML 24Page - Positronic. PLB12F0000/AA. Datasheet HTML 25Page - Positronic. PLB12F0000/AA. Datasheet HTML 26Page - Positronic. PLB12F0000/AA. Datasheet HTML 27Page - Positronic. PLB12F0000/AA. Datasheet HTML 28Page - Positronic. PLB12F0000/AA. Datasheet HTML 29Page - Positronic. PLB12F0000/AA. Datasheet HTML 30Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
20
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
0.737±0.002
[18.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.474±0.005
[37.44±0.13]
0.934±0.002
[23.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.868±0.005
[47.45±0.13]
0.540±0.002
[13.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.080±0.005
[27.43±0.13]
0.040±0.002
[1.02±0.05]
0.237±0.002
[6.02±0.05]
1.131±0.002
[28.73±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
2.262±0.005
[57.45±0.13]
0.157±0.002
[3.99±0.05]
0.040±0.002
[1.02±0.05]
0.237±0.002
[6.02±0.05]
0.157±0.002
[3.99±0.05]
0.040±0.002
[1.02±0.05]
0.237±0.002
[6.02±0.05]
0.157±0.002
[3.99±0.05]
0.040±0.002
[1.02±0.05]
0.237±0.002
[6.02±0.05]
0.157±0.002
[3.99±0.05]
PLC 18
PLC 24
PLC 30
PLC 12
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest 0.080 [2.03] Ø holes in printed board for solder contact termination positions.
Suggest 0.123±0.003 [3.15±0.08] Ø holes in printed board when mounting connector with push-on fasteners.
NOTE: See page 57 for suggested printed board drill hole sizes, recommended plating and finished hole sizes
for compliant contact termination positions.
A±0.020 [0.51]
0.600
[15.24]
B
A±0.020 [0.51]
0.600
[15.24]
B
0.200
[5.08]
18 AWG max.
[1.0 mm ]2
0.200
[5.08]
18 AWG max.
[1.0 mm ]2
PANEL MOUNT CONNECTORS WITH SOLDER CUP CONTACTS
TYPICAL PART NUMBER:
PLB06M200A1
TYPICAL PART NUMBER:
PLB06F200A1
FEMALE
For connection system 8.
CONNECTOR
VARIANTS
A
B
PLA03
1.126
[28.60]
0.408
[10.36]
PLA04
1.324
[33.63]
0.408
[10.36]
PLA06
1.718
[43.64]
0.408
[10.36]
PLA08
2.112
[53.64]
0.408
[10.36]
PLB06
1.126
[28.60]
0.606
[15.39]
PLB08
1.324
[33.63]
0.606
[15.39]
PLB12
1.718
[43.64]
0.606
[15.39]
PLB16
2.112
[53.64]
0.606
[15.39]
PLB20
2.506
[63.65]
0.606
[15.39]
PLC09
1.126
[28.60]
0.802
[30.37]
PLC12
1.324
[33.63]
0.802
[30.37]
PLC18
1.718
[43.64]
0.802
[30.37]
PLC24
2.112
[53.64]
0.802
[30.37]
PLC30
2.506
[63.65]
0.802
[30.37]
CODE 2, 18 AWG [1.00mm2] MAX.
MALE
RIGHT ANGLE (90°) PRINTED BOARD CONTACT
HOLE PATTERN AND PANEL MOUNT CONNECTOR
WITH SOLDER CUP CONTACTS
NOTE: MOUNTING SCREWS CAN BE
SUPPLIED WITH CONNECTORS USING STEP
5 IN ORDERING INFORMATION ON PAGE 26.
MOUNTING SCREWS CAN ALSO BE ORDERED
SEPARATELY BY PART NUMBER. SEE PAGE 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com