Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 19 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 19 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 15Page - Positronic. PLB12F0000/AA. Datasheet HTML 16Page - Positronic. PLB12F0000/AA. Datasheet HTML 17Page - Positronic. PLB12F0000/AA. Datasheet HTML 18Page - Positronic. PLB12F0000/AA. Datasheet HTML 19Page - Positronic. PLB12F0000/AA. Datasheet HTML 20Page - Positronic. PLB12F0000/AA. Datasheet HTML 21Page - Positronic. PLB12F0000/AA. Datasheet HTML 22Page - Positronic. PLB12F0000/AA. Datasheet HTML 23Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
NEW
0.408
DRAWINGS
[10.36]
A±0.020 [0.51]
0.600
[15.24]
L
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
0.408
[10.36]
0.606
[15.39]
0.600
[15.24]
L
0.600
[15.24]
L
0.802
[20.37]
0.600
[15.24]
L
0.230
[5.84]
0.600
[15.24]
L
0.230
[5.84]
L
0.600
[15.24]
0.230
[5.84]
0.606
[15.39]
0.802
[20.37]
Power
Connection
Systems
Positronic
connectpositronic.com
13
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
**Asterisks determine
gender of connector,
M for male,
F for female and
contact code 92 or 93.
PART
NUMBER
A
PLC09**00A1
PLCH09**00A1
1.126
[28.60]
PLC12**00A1
PLCH12**00A1
1.324
[33.63]
PLC18**00A1
PLCH18**00A1
1.718
[43.64]
PLC24**00A1
PLCH24**00A1
2.112
[53.64]
PLC30**00A1
PLCH30**00A1
2.506
[63.65]
Typical part number:
PLA03M93ST30A1
PLAH03M93ST30A1
Typical part number:
PLB06M93ST30A1
PLBH06M93ST30A1
Typical part number:
PLB06F93ST30A1
PLBH06F93ST30A1
Typical part number:
PLA03F93ST30A1
PLAH03F93ST30A1
MALE
FEMALE
Typical part number:
PLC09M93ST30A1
PLCH09M93ST30A1
Typical part number:
PLC09F93ST30A1
PLCH09F93ST30A1
MALE
MALE
FEMALE
FEMALE
PLC COMPLIANT PRESS-IN CONNECTORS
CODE 92 OR CODE 93
PLB COMPLIANT PRESS-IN CONNECTORS
CODE 92 OR CODE 93
PLA COMPLIANT PRESS-IN CONNECTORS
CODE 92 OR CODE 93
PART
NUMBER
A
PLA03**00A1
PLAH03**00A1
1.126
[28.60]
PLA04**00A1
PLAH04**00A1
1.324
[33.63]
PLA06**00A1
PLAH06**00A1
1.718
[43.64]
PLA08**00A1
PLAH08**00A1
2.112
[53.64]
PART
NUMBER
A
PLB06**00A1
PLBH06**00A1
1.126
[28.60]
PLB08**00A1
PLBH08**00A1
1.324
[33.63]
PLB12**00A1
PLBH12**00A1
1.718
[43.64]
PLB16**00A1
PLBH16**00A1
2.112
[53.64]
PLB20**00A1
PLBH20**00A1
2.506
[63.65]
**Asterisks determine
gender of connector,
M for male,
F for female and
contact code 92 or 93.
**Asterisks determine
gender of connector,
M for male,
F for female and
contact code 92 or 93.
CONTACT
CODE
L
PCB
THICKNESS
92
0.183
[4.65]
0.093
[2.36]
93
0.218
[5.54]
0.125
[3.18]
COMPLIANT PRESS-IN
CONNECTOR
CONTACT
CODE
L
PCB
THICKNESS
92
0.183
[4.65]
0.093
[2.36]
93
0.218
[5.54]
0.125
[3.18]
CONTACT
CODE
L
PCB
THICKNESS
92
0.183
[4.65]
0.093
[2.36]
93
0.218
[5.54]
0.125
[3.18]
See page 56
for Installation Tooling.
For connection systems 1, 4 and 6.
Plating- See ordering information for
contact plating options.
NOTE: Positronic recommends the practice of using
mounting hardware to secure connector to printed
circuit board. Mounting screws can be supplied
with connectors using step 5 in ordering information
on page 26. Mounting screws can also be ordered
separately by part number. See page 59.
See page 56
for Installation Tooling.
For connection systems 1, 4 and 6.
Plating- See ordering information
for contact plating options.
See page 56
for Installation Tooling.
For connection systems 1, 4 and 6.
Plating- See ordering information
for contact plating options.
NOTE: Positronic recommends the practice of using
mounting hardware to secure connector to printed
circuit board. Mounting screws can be supplied
with connectors using step 5 in ordering information
on page 26. Mounting screws can also be ordered
separately by part number. See page 59.
NOTE: Positronic recommends the practice of using
mounting hardware to secure connector to printed
circuit board. Mounting screws can be supplied
with connectors using step 5 in ordering information
on page 26. Mounting screws can also be ordered
separately by part number. See page 59.
Rev G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com