Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 43 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 43 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 39Page - Positronic. PLB12F0000/AA. Datasheet HTML 40Page - Positronic. PLB12F0000/AA. Datasheet HTML 41Page - Positronic. PLB12F0000/AA. Datasheet HTML 42Page - Positronic. PLB12F0000/AA. Datasheet HTML 43Page - Positronic. PLB12F0000/AA. Datasheet HTML 44Page - Positronic. PLB12F0000/AA. Datasheet HTML 45Page - Positronic. PLB12F0000/AA. Datasheet HTML 46Page - Positronic. PLB12F0000/AA. Datasheet HTML 47Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
37
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
SCREW TERMINATION
AND SEQUENTIAL MATING CONTACTS
0.920 [23.37]
1.074±0.020
[27.28±0.508]
0.616 [15.65]
1
3
2
0.823 [20.90]
2
For use with wire
size 12 awg [4.0mm ]
or smaller
SCREW TERMINATION CONNECTOR
SCREW TERMINATIONS ALLOWS FOR CONVENIENT FIELD INSTALLATION WHEN REQUIRED
CODE 71
CONTACTS MAY BE SUPPLIED WITH CONNECTOR OR ORDERED SEPARATELY
0.330 [8.38] NOMINAL
0.250 [6.35] NOMINAL
0.330 [8.38] NOMINAL
0.250 [6.35] NOMINAL
BOARD
MOUNT CONNECTORS
CRIMP AND PANEL
MOUNT CONNECTORS
Modification number -338.0 (see step 8 of the
ordering information) allows for board mount
connector to have position 3 loaded with a 0.330
[8.38] nominal mating length contact and positions 1
and 2 loaded with 0.250 [6.35] nominal mating length
contacts.
Contact technical sales for additional
sequencing options.
MC610NS and MC612N crimp contacts and
MC610NS and MC612N solder cup contacts to
be used for 0.330 [8.38] nominal mating
length.
MC610NS-228.2 and MC612N-228.2
crimp contacts and
MS610NS-228.2 and
MS612N-228.2 solder cup contacts to be used
for 0.250 [6.35] nominal mating length.
Typical Part Number:
PLB3W3F7100A1
supplied with 3 contacts
Typical Part Number:
FST612N2
REPLACEMENT CONTACT
SEQUENTIAL MATING CONTACTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com