Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 50 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 50 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 46Page - Positronic. PLB12F0000/AA. Datasheet HTML 47Page - Positronic. PLB12F0000/AA. Datasheet HTML 48Page - Positronic. PLB12F0000/AA. Datasheet HTML 49Page - Positronic. PLB12F0000/AA. Datasheet HTML 50Page - Positronic. PLB12F0000/AA. Datasheet HTML 51Page - Positronic. PLB12F0000/AA. Datasheet HTML 52Page - Positronic. PLB12F0000/AA. Datasheet HTML 53Page - Positronic. PLB12F0000/AA. Datasheet HTML 54Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
44
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PLB(H)10W2 RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONNECTOR
CODE 4, 0.146 [3.71] CONTACT EXTENSION
MALE
Typical part numbers:
PLB10W2M400A1
PLBH10W2M400A1
Typical part numbers:
PLB10W2F400A1
PLBH10W2F400A1
Typical part numbers:
PLC16W4M400A1
PLCH16W4M400A1
Typical part numbers:
PLC16W4F400A1 
PLCH16W4F400A1 
FEMALE
MALE
FEMALE
PLC(H)16W4 RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONNECTOR
CODE 4, 0.146 [3.71] CONTACT EXTENSION
RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONTACT HOLE PATTERN
PLB10W2
PLC16W4
RIGHT ANGLE (90°)
PRINTED BOARD CONNECTOR
AND CONTACT HOLE PATTERN
NOTE:
MOUNTING
SCREWS CAN
BE ORDERED
SEPARATELY
BY PART
NUMBER
WHEN
CHOOSING B3
BRACKETS.
SEE PAGE 59.
NOTE:
MOUNTING
SCREWS CAN
BE ORDERED
SEPARATELY
BY PART
NUMBER
WHEN
CHOOSING B3
BRACKETS.
SEE PAGE 59.
Rev G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com