Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB12F0000/AA. Datasheet(PDF) 54 Page - Positronic.

Part # PLB12F0000/AA.
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. Datasheet(HTML) 54 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 50Page - Positronic. PLB12F0000/AA. Datasheet HTML 51Page - Positronic. PLB12F0000/AA. Datasheet HTML 52Page - Positronic. PLB12F0000/AA. Datasheet HTML 53Page - Positronic. PLB12F0000/AA. Datasheet HTML 54Page - Positronic. PLB12F0000/AA. Datasheet HTML 55Page - Positronic. PLB12F0000/AA. Datasheet HTML 56Page - Positronic. PLB12F0000/AA. Datasheet HTML 57Page - Positronic. PLB12F0000/AA. Datasheet HTML 58Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
48
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CONTACT TECHNICAL
INFORMATION AND REMOVABLE
CRIMP SIGNAL CONTACT, SIZE 20
For information regarding
CRIMP TOOLS & CRIMPING TOOL TECHNIQUES, see page 54
.
0.649 [16.48]
0.255 [6.48]
ØB
ØA
Ø0.040
[1.00]
0.255 [6.48]
0.764 [19.41]
ØA
ØB
MALE CONTACT
FEMALE CONTACT
REMOVABLE CRIMP SIGNAL CONTACT
FOR USE WITH PCS MIXED DENSITY SERIES CONNECTORS
CONTACTS MUST BE ORDERED SEPARATELY
SIZE 20
PART NUMBER
WIRE SIZE
AWG/[mm2]
ØA
ØB
FC720N2
20 / 22 / 24
[0.5 / 0.3 / 0.25]
0.045
[1.14]
0.068
[1.73]
PART NUMBER
WIRE SIZE
AWG/[mm2]
ØA
ØB
MC720N3
20 / 22 / 24
[0.5 / 0.3 / 0.25]
0.045
[1.14]
0.068
[1.73]
MECHANICAL CHARACTERISTICS:
STANDARD AND
HIGH CONDUCTIVITY:
Insert contact to rear face of insulator, release
from front face of insulator. Size 8 contacts,
0.142 inch [3.61 mm] diameter male contacts,
closed entry design female contacts.
HIGH VOLTAGE:
Insert contact to rear face of insulator, release
from front face of insulator. Size 8 contacts.
Straight and right angle (90°) terminations.
0.041 inch [1.04 mm] minimum hole diameter.
Durability:
500 cycles minimum.
Vibration:
20g from 10 Hz to 500 Hz.
Shock:
30g-11ms.
SHIELDED:
Insert contact to rear face of insulator, release
from front face of insulator. Size 8 contacts.
See page 53 table of cable sizes for contact
Termination dimensions.
ELECTRICAL CHARACTERISTICS:
STANDARD:
Contact Current Rating:
See temperature rise curves on page 40.
For additional information see page 51-52.
Initial Contact Resistance:
0.001 ohms max. per IEC 60512-2, test 2b.
HIGH CONDUCTIVITY:
Contact Current Rating:
See temperature rise curves on page 40.
Initial Contact Resistance:
0.0003 ohms max. per IEC 60512-2, test 2b.
HIGH VOLTAGE:
Flash over Voltage:
3600 V r.m.s.
Proof Voltage:
2700 V r.m.s.
Initial Contact Resistance: 0.008 ohms maximum.
SHIELDED:
Initial Contact Resistance: 0.008 ohms maximum.
Nominal Impedance:
50 ohms.
Insertion Loss:
-0.46 dB at 1 GHz
-1.5 dB at 2 GHz
VSWR:
1.15 average at 1 GHz
1.56 average at 2 GHz
Above values measured using frequency domain techniques.
Proof Voltage:
1000 V r.m.s.
OPTIONAL PLATING FINISHES
-14
0.000030 [0.76 µ] gold over nickel by adding “-14” suffix
onto part number. Example: FC720N2-14.
-15
0.000050 inch [1.27µ] gold over nickel by adding “-15”.
Example: FC720N2-15.
RoHS OPTIONS:
/AA
Environmental Compliance Option: RoHS compliant
can be achieved by adding “/AA” suffix onto part number.
Examples: FC720N2/AA or for optional plating finishes
use FC720N2/AA-14.
REELED CONTACTS:
Contacts may be supplied in plastic carriers, packaged in reels
holding 2,000 contacts for use with the automatic pneumatic crimp
tools, catalog part numbers 9550-0 and 9550-1; packaged in reels
holding 1,000 contacts for use with the automatic pneumatic crimp
tools, catalog part number 9555-0-2. The same type carrier is used for
both male and female contacts.
All male and female crimp contacts can be ordered in reels by adding
letter “R” after the contact part number, such as MC6020DR for a male
contact and FC6026DR for a female contact.
REMOVABLE CONTACT TECHNICAL CHARACTERISTICS
continued from previous page . . .
Enlarged section of
plastic contact carriers
Note: Connectors can be kitted
with all applicable crimp/
solder contacts, con-
tact Technical Sales for
connector part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com