Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 154 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 154 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 150Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 151Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 152Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 153Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 154Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 155Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 156Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 157Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 158Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 242 page
background image
Adjustment
Adjustment Procedures
74
18. Press UTILITY.
19. Press the main menu button Timing. Read the onscreen text before
continuing.
20. Press the side menu button OK Compensate Timing. Follow the instruc
tions on the screen.
Use this procedure to adjust the lowfrequency compensation of the channel
1 and channel 2 attenuators. You should perform this procedure if your
oscilloscope demonstrates gross rounding or overshoot of squarewave input
signals or if your instrument fails one of the Performance Tests in the previous
section.
1. Remove the instrument cabinet as described in the removal procedure on
page 813.
2. Set the oscilloscope on its left side with its front facing toward you.
3. Power up the oscilloscope and press SAVE/RECALL SETUP.
4. Press the main menu button Factory; then press the side menu button
OK Confirm Factory Init.
5. Press CLEAR MENU.
6. Connect the high output of a calibration generator (Item 5) to the CH 1
BNC through a 50 W coaxial cable (Item 3) and a 50 W termination
(Item 2). (See Figure 73.)
7. Set the calibration generator to output a high amplitude, 1 kHz signal. Set
the pulse amplitude to 25%.
8. Set the oscilloscope VOLTS/DIV to 200 mV, the SEC/DIV to 10 ms, and
adjust the pulse amplitude for a five division display.
9. Press SET LEVEL TO 50%.
10. Use the vertical POSITION control to place the top of the waveform near
center screen.
11. Set the VOLTS/DIV to 100 mV.
12. Use an adjustment tool (Item 1) to adjust the CH 1 10X capacitor for the
flattest response. (See Figure 73.)
13. Remove the 50 W termination from the setup.
14. Set the VOLTS/DIV to2V.
15. Press SET LEVEL TO 50%.
Attenuator
Adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com