Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 69Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 70Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 71Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 72Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 73Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 74Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 75Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 76Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 242 page
background image
Manipulating Waveforms
TDS 310, TDS 320 & TDS 350 Instruction Manual
321
Select the Time Base
Press the main menu button Time Base. Use the
side menu to select from these options.
H Press Main Only to show only the main time base.
H Press Intensified to show both the main and delayed time bases. The
oscilloscope intensifies a portion of the waveform; this intensified zone
indicates the location of the delayed time base with respect to the main.
Use the SEC/DIV knob to change the length of the zone and the General
Purpose Knob to change its position.
H Press Delayed Only to show only the delayed time base.
H Use the General Purpose Knob to adjust the delay time (the interval
between the main and delayed time bases). You adjust the delay time in
coarse increments when Main Only or Intensified are selected and in fine
increments when Delayed Only is selected. The side menu selection
Delayed Runs After Main shows the delay time.
H Press SET to Min to set the delay time to its minimum value.
Adjust Horizontal Trigger Position
Press the main menu button
Trigger Position. Use the General Purpose Knob to adjust horizontal trigger
position, or use side menu selections to set the trigger position to 10%, 50%,
or 90% of the waveform record.
TDS 300 Series oscilloscopes can add or multiply the two channel waveforms
or subtract one from the other and display the result as a math waveform. To
activate the math waveform, press the MATH button, shown in Figure 39.
Math
Figure 39:The MATH Button
Displaying Math
Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com