Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 75Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 76Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 77Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 78Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 79Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 80Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 81Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 82Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 242 page
background image
Triggering
TDS 310, TDS 320 & TDS 350 Instruction Manual
327
H Press Noise Reject to select noise reject mode. Noise rejection provides
DC low sensitivity, but it requires additional signal amplitude for stable
triggering.
Change Trigger Slope
Press the main menu button Slope. Use the top
two side menu buttons to switch between positivegoing and negativegoing
slope.
Adjust Trigger Level
Press the main menu button Level. Use the side
menu to select from these options.
H Use the General Purpose Knob to adjust trigger level. (Note that this
selection performs the same function as the trigger LEVEL knob on the
front panel.)
H Press Set to TTL to automatically set the trigger level to the TTL switch
ing threshold.
H Press Set to ECL to automatically set the trigger level to the ECL switch
ing threshold.
H Press Set to 50% to set the trigger level to the midpoint of the trigger
source signal. (Note that this selection performs the same function as the
SET LEVEL TO 50% button on the front panel.)
Select Trigger Mode
Press the main menu button Mode. Use the side
menu to select either Auto or Normal mode.
In normal trigger mode, the oscilloscope waits for a valid trigger from the
trigger signal source. In auto trigger mode, the oscilloscope produces an
internal trigger in the absence of other trigger events.
At horizontal scale settings of 100 ms per division and slower, auto trigger
mode switches to an untriggered roll display. When the display is in roll"
mode the envelope and average acquisition modes does not work properly,
and the display does not show a trigger T" on the waveform.
Adjust Holdoff
Press the main menu button Holdoff to activate the
General Purpose Knob. Use the knob to adjust holdoff; the TDS 300 Series
have a holdoff range of 500 ns to 10 s. Press the side menu button Set to
Min to quickly set the holdoff to 500 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com