Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 90Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 91Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 92Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 93Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 94Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 95Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 96Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 97Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 242 page
background image
Controlling the Display
Operation
342
Select Display Style
Press the main menu button Style. Use the side
menu to select from these display styles.
H Press Vectors to select vector display style. The oscilloscope draws a
vector between each pair of waveform points.
H Press Dots to select dot display mode. The oscilloscope displays only
the waveform points.
H Press Vector Accumulate or Dot Accumulate to set the display to accu
mulate dots. Use the General Purpose Knob to adjust the time limit
(from 500 ms to 10 s in 250 ms increments or R). The display accumu
lates dots until it reaches the time limit. It then clears the waveform and
starts over. Dot Accumulate mode shows the latest acquired waveform in
dot format, while Vector Accumulate mode shows it in vector format.
Adjust Display Intensity
Press the main menu button Intensity. Use
the side menu to select from the following.
H Press Overall to adjust the intensity of the screen as a whole. Use the
General Purpose Knob to vary screen intensity.
H Toggle Text/Grat to switch the text and graticule between bright and dim.
H Toggle Waveform to switch the waveform between bright and dim.
H Press Contrast to adjust the contrast between the bright and dim set
tings. Use the General Purpose Knob to vary the contrast level from
100% to 250%. (When you set contrast to 200%, the dim setting is half as
bright as the bright setting.)
Add or Remove the Trigger `T'
By default, TDS 300 oscilloscopes
display a `T' at the trigger point. Press the main menu button Readout Op
tions and then toggle the Display `T' @ Trigger Point button to remove and
add this feature.
Select Between Full and Frame Graticule
Press the main menu
button Graticule and then use the side menu to switch between a full grati
cule and a simple frame.
Select Display Format
Press the main menu button Format and then
use the side menu to switch between YT and XY modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com