Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 85Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 86Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 87Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 88Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 89Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 90Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 91Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 92Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 242 page
background image
Taking Measurements
TDS 310, TDS 320 & TDS 350 Instruction Manual
337
5. Use the General Purpose Knob to move one cursor to a desired mea
surement point. For example, if you wanted to measure both the peak to
peak voltage and period of a sine wave, you would start by moving one
paired cursor to a trough" (see Figure 321).
Figure 321:Paired Cursor Measurements of a Sine Wave
6. Press TOGGLE.
7. Use the General Purpose Knob to move the second cursor to another
desired measurement point. To continue the example, you would move
the second cursor to the previous peak."
8. Read the measured value(s) at the upper right corner of the display next
to the D sign(s). Figure 321 shows a sine wave with a 5.48 Vpp and a
13.2 ms period (6.6 ms X 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com