Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 77Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 78Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 79Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 80Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 81Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 82Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 83Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 84Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 242 page
background image
Triggering
TDS 310, TDS 320 & TDS 350 Instruction Manual
329
SelectScan Rate
Press the main menu button Scan Rate to select the
scan rate frequency range. Use the side menu to select from the following
rates(see Figure 316):
H Press Rate 1 to select a scan rate of 15 to 20 kHz.
H Press Rate 2 to select a scan rate of 20 to 25 kHz.
H Press Rate 3 to select a scan rate of 25 to 35 kHz.
H Press Rate 4 to select a scan rate of 35 to 50 kHz.
H Press Rate 5 to select a scan rate of 50 to 65 kHz.
Figure 316:The Video ScanRate Menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com