Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 74Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 75Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 76Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 77Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 78Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 79Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 80Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 81Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 242 page
background image
Triggering
Operation
326
Figure 314:The Edge Trigger Menu
Use the edge trigger menu to perform these tasks.
Select the Trigger Source
Press the main menu button Source. Use
the side menu to select from these options.
H Press Ch1 or Ch2 to set the trigger source to one of the input channels.
H Press Ext or Ext/10 to set the trigger source to the EXT TRIG input on the
front panel. Ext/10 attenuates the external input signal by a factor of ten.
Note that while the instrument can trigger on external trigger signals, it
cannot display them.
H Press AC to set the trigger source to the oscilloscope line voltage signal.
Select Trigger Coupling
Press the main menu button Coupling. Use
the side menu to select from these options.
H Press DC to select DC coupling.
H Press AC to select AC coupling.
H Press HF Reject to select high frequency reject mode. High frequency
rejection removes the high frequency portion of the triggering signal. This
allows only the low frequency components to pass on to the triggering
system. High frequency reject mode attenuates signals above 30 kHz.
H Press LF Reject to select low frequency reject mode. Low frequency
rejection is the opposite of high frequency rejection. Low frequency reject
mode attenuates signals below 80 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com