Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 29Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 30Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 31Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 32Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 33Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 34Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 35Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 36Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
13
Options and Accessories
This section describes the various options as well as the standard and option
al accessories that are available for the TDS 310, TDS 320, and TDS 350.
Options include the following.
Option 14: I/O Interfaces
This option includes GPIB, RS 232, and Centronics interfaces, VGA video
output, and power for the Option 3P printer. It also includes the TDS 310, 320
& 350 Programmer Manual.
You can connect a remote display to the VGA 9pin D connector on the rear
panel. Table 16 on page 16 gives the part number of a properly shielded
cable that is commercially available.
Because display manufacturers use different pin combinations and connec
tors, you may find the information in Table 11 helpful.
Table11:VGA Output Connector Pins
Pin
Signal
2
Video (monochrome analog)
4
Horizontal sync @ 31.5 kHz (VGA rate)
5
Vertical sync
6, 7, 8
Ground
Options A1-A5: InternationalPower Cords
Besides the standard North American, 110 V, 60 Hz power cord, Tektronix
ships any of five alternate power cord configurations with the oscilloscope
when ordered by the customer (see Table 12).
Table12:International Power Cords
Option
Power Cord
A1
Universal European
220 V, 50 Hz
A2
UK
240 V, 50 Hz
A3
Australian
240 V, 50 Hz
A4
North American
240 V, 60 Hz
Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com