Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 27Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 28Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 29Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 30Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 31Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 32Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 33Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 34Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
11
Product Description
Tektronix TDS 310, TDS 320, and TDS 350 two channel oscilloscopes are digital signal
processors and are superb tools for displaying and measuring waveforms. Their perfor
mance addresses the needs ofboth benchtop lab and portable applications with the
following features.
H Two input channels, each with a record length of1,000 samples and 8bit vertical
resolution. Both channels acquire waveforms simultaneously.
H 1 Gigasample/second maximum sample rate (TDS 350); 500 Megasamples/second
maximum sample rate (TDS 320); 200 Megasamples/second maximum sample
rate (TDS 310).
H 200 MHz analog bandwidth and fastest time base setting of 2.5 ns/div (TDS 350);
100 MHz analog bandwidth and fastest time base setting of 5 ns/div (TDS 320);
50 MHz analog bandwidth and fastest time base setting of 10 ns/div (TDS 310).
H A full complement of advanced functions including onscreen readout, AUTOSET,
cursors, and continuously updated automatic measurements.
H Waveform averaging, waveform enveloping, and hardware peak detection.
H A unique graphical user interface (GUI) and a logical front panel layout which
combine to deliver the standard in usability pioneered by the TDS family of oscillo
scopes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com