Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 88Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 89Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 90Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 91Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 92Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 93Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 94Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 95Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 242 page
background image
Controlling Acquisition
Operation
340
Select Acquisition Mode
Press the main menu button Mode. Use the
side menu to select from these modes.
H Press Sample to select sample mode.
H Press Peak Detect to select peak detect mode. Peak detect mode only
operates at SEC/DIV settings of 25 ms or slower.
H Press Envelope to select envelope mode. Use the General Purpose
Knob to adjust the number of envelopes (2, 4, 8, 16, 32, 64, 128, 256, or
R).
H Press Average to select average mode. Use the General Purpose Knob
to adjust the number of acquisitions to average (2, 4, 8, 16, 32, 64, 128,
or 256).
Activate Single Sequence Mode
Press the main menu button Stop
After and then the side menu button Single Acquisition Sequence.
When in single sequence mode, the oscilloscope acquires a single se
quence, display it, and then waits for you to press the RUN/STOP button.
The exact nature of a sequence" depends on the present acquisition mode.
In sample or peak detect mode, a sequence" is a single acquisition. In
envelope or average mode, a sequence" is a number of acquisitions equal
to the number of envelopes or averages.
For example, when both average and single sequence mode are active and
the number of averages is 16, the oscilloscope collects 16 acquisitions,
averages them, displays the resulting waveform, and stops until you press
the RUN/STOP button.
To deactivate single sequence mode, press the side menu button RUN/STOP
button only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com