Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 35Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 36Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 37Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 38Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 39Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 40Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 41Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 42Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
21
Start Up
To properly install and power on the oscilloscope, perform this procedure.
1. Check that you have the proper electrical connections. The rear label lists
power requirements for all possible voltage inputs.
2. Check the fuse to be sure it is the proper type and rating (Figure 22).
TDS 300 Series oscilloscopes are shipped with a UL approved fuse
installed.
Fuse specifications are as follows.
IEC 127: 5 by 20 mm, timelag, 3.15 A, 250 V
UL198 G/CSA: 5 by 20 mm, timelag, 3 A, 250 V
3. Connect the proper power cord from the rear panel power connector
(Figure 22) to the power system. Use the power cord clamp to secure
the cord to the rear panel.
4. Leave space for cooling. Do this by verifying that the air intake and ex
haust holes on the sides and bottom of the cabinet (where the fan oper
ates) are free of any airflow obstructions. Leave at least 5.1 cm (2 in) free
on each side.
5. Press the ON/STBY button to power up the oscilloscope.
ON/STBY Button
Figure 21:ON/STBY Button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com