Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 32Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 33Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 34Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 35Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 36Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 37Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 38Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 39Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 242 page
background image
Options and Accessories
Introduction
16
These are other types of probes you can use with the TDS 310, TDS 320, and
TDS 350. You can order thefollowing probes separately:
H P6101B 1X Passive Probe
H P6129B Switchable 1X-10X Passive Probe (not recommended for the
TDS 350)
H P6408 TTL Logic Probe
H P6009 High Voltage Probe
H AM503SDC/AC Current Probe System
H P6561 SMT Probe
Table 15 lists cables you can use with the TDS 310, TDS 320, and TDS 350.
You can order them separately.
Table16:Accessory Cables
Software
Part Number
GPIB,1 meter (3.3 feet)
012-0991-01
GPIB, 2 meter (6.6 feet)
012-0991-00
RS232, 9pin female to 9pin female connectors, null
modem, 76 inch (for AT style computers)
012-1379-XX
RS232, 9pin female to 25pin female connectors, null
modem, 76 inch (for PC style computers)
012-1380-XX
RS232, 9pin female to 25pin male connectors, null
modem, 9 feet (for serial interface printers)
012-1298-XX
RS232, 9pin female to 25pin male connectors, 15
feet (for modems)
012-1241-XX
Centronics, 25pin male to 36pin Centronics,
2.4 meter (8 feet) (for parallel printer interfaces)
012-1214-XX
NECR VGA video cable. (Use an appropriate adapter
when other than a 9pin monitor connection is
needed.)
73893029
Accessory Probes
Accessory Cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com