Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 30Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 31Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 32Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 33Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 34Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 35Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 36Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 37Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 242 page
background image
Options and Accessories
Introduction
14
Table12:International Power Cords (Cont.)
Option
Power Cord
A5
Switzerland
220 V, 50 Hz
Option 1K: K212 Scope Cart
With this option, the oscilloscope comes with a K212 Portable Instrument
Cart.
Option 3P: ThermalPrinter (Includes Option 14)
The instrument comes with a thermal printer connected to the Centronics
port. Also included are a carrying pouch that fastens to the top of the oscillo
scope and printer instructions.
Option 9C: Certificate of Calibration and Test Data Report
Tektronix ships a Certificate of Calibration that states this instrument meets or
exceeds all warranted specifications and has been calibrated using standards
and instruments whose accuracies are traceable to the National Institute of
Standards and Technology, an accepted value ofa natural physical constant
or a ratio calibration technique. The calibration is in compliance with US
MIL STD 45662A. This option also includes a test data report for the instru
ment.
Warranty Plus Service Options
The following options add to the services available with the standard warran
ty. (The standard warranty appears immediately following the title page in this
manual.)
H Option M2: Tektronix provides three years ofwarranty plus two years
remedial service.
H Option M3: Tektronix provides three years ofwarranty plus two years
remedial service and four oscilloscope calibrations.
H Option M8: Tektronix provides four calibrations and four performance
verifications, one of each in the second through the fifth years of service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com