Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 62Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 63Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 64Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 65Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 66Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 67Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 68Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 69Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 242 page
background image
Menu Maps
Operation
314
Ch 2 – Ch 1
Ch 1 * Ch 2
Time Base
Trigger Position
Main Menu
Main Only
Intensified
Delayed Only
Delayed Runs
Pretrigger
Set to 10%
Set to 50%
Set to 90%
Side Menu
After Main
Coupling
Invert
Bandwidth
Fine Scale
Position
Offset
Main Menu
Side Menu
DC
AC
GND
Invert Off
Invert On
Full Bandwidth
20 MHz
Fine Scale
Vertical Position
Set to 0 Divs
Vertical Offset
Set to 0 V
CH 1
CH 2
MATH
Ref Y
Save to Ref X
Horizontal Position Lock
0r
Side Menu
Ch 1 + Ch 2
Ch 1 – Ch 2
Side Menu
Type
Source
Video
Mode
Holdoff
Ch1
Ch2
Ext
Ext/10
AC Line
Holdoff
Set to Min
Trigger On
Field 1
Field 2
Lines
Main Menu
Pop-up
Left-most
main menu
button
HF Reject
LF Reject
Type
Source
Coupling
Edge
Slope
Level
Mode
Holdoff
CH 1
CH 2
Ext
Ext/10
AC Line
DC
AC
Noise Reject
Rising
Falling
Level
Set to TTl
Set to ECL
Set to 50%
Auto
Normal
Holdoff
Set to Min
Main Menu
Side Menu
Pop-up
Left-most
main menu
button
Side Menu
Any Field
Scan Rate
Rate 1
Rate 2
Rate 3
Rate 4
Rate 5
Auto
Normal
Figure 32:Primary Functions Menu Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com