Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 81Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 82Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 83Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 84Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 85Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 86Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 87Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 88Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 242 page
background image
Taking Measurements
TDS 310, TDS 320 & TDS 350 Instruction Manual
333
Table31:Measurement Definitions
Name
Definition
Period
Timing measurement. Time it takes for the first complete signal cycle to hap
pen in the waveform or gated region. The reciprocal of frequency. Measured in
seconds.
Frequency
Timing measurement for the first cycle in the waveform or gated region. The
reciprocal of the period. Measured in Hertz (Hz) where 1 Hz = 1 cycle per se
cond.
Positive Width
Timing measurement of the first pulse in the waveform or gated region. The
distance (time) between MidRef (default 50%) amplitude points of a positive
pulse.
Negative Width
Timing measurement of the first pulse in the waveform or gated region. The
distance (time) between MidRef (default 50%) amplitude points of a negative
pulse.
Rise time
Timing measurement. Time taken for the leading edge of the first pulse in the
waveform or gated region to rise from a Low Ref value (default = 10%) to a
High Ref value (default = 90%) of its final value.
Fall Time
Timing measurement. Time taken for the falling edge of the first pulse in the
waveform or gated region to fall from a High Ref value (default = 90%) to a
Low Ref value (default =10%) of its final value.
Positive Duty
Cycle
Timing measurement of the first cycle in the waveform or gated region. The
ratio of the positive pulse width to the signal period expressed as a percentage.
PositiveDutyCycle + PositiveWidth
Period
100%
Negative Duty
Cycle
Timing measurement of the first cycle in the waveform or gated region. The
ratio of the negative pulse width to the signal period expressed as a percent
age.
NegativeDutyCycle +
NegativeWidth
Period
100%
Burst Width
Timing measurement. The duration of a burst. Measured over the entire wave
form or gated region.
Positive
Overshoot
Voltage measurement over the entire waveform or gated region.
PositiveOvershoot +
Max * High
Amplitude
100%
Negative
Overshoot
Voltage measurement. Measured over the entire waveform or gated region.
NegativeOvershoot + Low * Min
Amplitude
100%
High
The value used as 100% whenever High Ref, Mid Ref, and Low Ref values are
needed (as in fall time and rise time measurements). Measured over the entire
waveform or gated region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com