Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 45Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 46Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 47Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 48Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 49Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 50Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 51Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 52Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
211
Using Autoset
The TDS 300 Series autoset feature produces a stable, triggered display of
almost any input signal. To use autoset, connect a signal to either the CH 1 or
CH 2 input connector and press the AUTOSET button (shown in Fig
ure210).
Autoset
Figure 210:The AUTOSET Button
Table 21 specifies the changes autoset makes in your instrument setup.
Table21:Autoset Defaults
Control
Changed by Autoset to
Selected channel
If none already displayed, numerically
lowest of the displayed channels
Acquire Mode
Sample
Acquire Stop After
RUN/STOP button only
Display Style
Vectors
Display Intensity
Overall
If less than 50%, set to 75%
Display Format
YT
Horizontal Position
Centered within the graticule window
Horizontal Scale
As determined by the signal frequency
Horizontal Time Base
Main Only
Trigger Position
Unchanged
Trigger Type
Edge
Trigger Source
Numerically lowest of the displayed
channels (the selected channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com