Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 38 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 38 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 34Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 35Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 36Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 37Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 38Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 39Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 40Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 41Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 42Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
38
309823-10
4.6
Signal Descriptions, x16 Split Bus
Table 9:
Signal Descriptions, x16 Split Bus, Non-Mux (Sheet 1 of 4)
Symbol
Type
Signal Descriptions
Notes
Address and Data Signals, Non-Mux
F-A[MAX:0]
Input
FLASH ADDRESS: Flash device signals.
Dedicated address inputs for Flash memory die during read and write operations.
• 2-Gbit: AMAX = A26
• 1-Gbit: AMAX = A25
• 512-Mbit: AMAX = A24
• 256-Mbit: AMAX = A23
• 128-Mbit: AMAX = A22
Unused address inputs are RFU.
D-A[MAX:0]
Input
LPSDRAM ADDRESS: LSPDRAM device signals.
Dedicated address inputs for LPSDRAM memory die during read and write operations.
• A[12:0] are the row and A[9:0] are the column addresses for 512-Mbit LPSDRAM.
• A[12:0] are the row and A[8:0] are the column addresses for 256-Mbit LPSDRAM.
• A[11:0] are the row and A[8:0] are the column addresses for 128-Mbit LPSDRAM.
Unused address inputs are RFU.
F-DQ[15:0]
Input/
Output
FLASH DATA INPUT/OUTPUTS: Flash device signals.
• Inputs Flash data and commands during write cycles.
• Outputs data during read cycles.
• Data signals are High-Z when the device is deselected or its output is disabled.
D-DQ[15:0]
Input/
Output
LPSDRAM DATA INPUT/OUTPUTS: LPSDRAM device signals.
• Inputs LPSDRAM data and commands during write cycles.
• Outputs data during read cycles.
• Data signals are High-Z when the device is deselected or its output is disabled.
Address and Data Signals, A/D Mux
F-A[MAX:16]
Input
ADDRESS: Flash device signals.
Shared address inputs for all Flash memory die during Read and Write operations.
• 2-Gbit: AMAX = A26
• 1-Gbit: AMAX = A25
• 512-Mbit: AMAX = A24
• 256-Mbit: AMAX = A23
• 128-Mbit: AMAX = A22
Unused address inputs should be treated as RFU.
F-ADQ[15:0]
Input /
Output
ADDRESS-DATA MULTIPLEXED INPUTS/ OUTPUTS: AD-Mux flash lower address and data
signals; LPSDRAM data signals.
During AD-Mux flash Write cycles, ADQ[15:0] are used to input the lower address followed by
commands or write-data.
During AD-Mux flash Read cycles, ADQ[15:0] are used to input the lower address followed by
read-data output.
During LPSDRAM accesses, ADQ[15:0] are used to input commands and write-data during
Write cycles or to output read-data during Read cycles.
During NAND accesses, ADQ[7:0] are used to input commands, address, or write-data, and to
output read-data.
ADQ[15:0] are High-Z when the flash is deselected or its output is disabled.
Control Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com